Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 5 Page - Cirrus Logic

  CS7666 Datasheet HTML 1Page - Cirrus Logic CS7666 Datasheet HTML 2Page - Cirrus Logic CS7666 Datasheet HTML 3Page - Cirrus Logic CS7666 Datasheet HTML 4Page - Cirrus Logic CS7666 Datasheet HTML 5Page - Cirrus Logic CS7666 Datasheet HTML 6Page - Cirrus Logic CS7666 Datasheet HTML 7Page - Cirrus Logic CS7666 Datasheet HTML 8Page - Cirrus Logic CS7666 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
CS7666
DS302PP1
5
RECOMMENDED OPERATING CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VDD
4.5
5.0
5.5
V
Ground to Ground Voltage Differential
-
-
10
mV
Digital Input Rise/Fall Time
-
-
10
ns
CLKIN Level Setup to CLKIN2X Rising (non-interpolated)
tS2
8-
-
ns
CLKIN Level Hold after CLKIN2X Rising (non-interpolated)
tH2
8-
-
ns
Digital Input Voltage Range
0
-
VDD
V
Operating Temperature Range
TA
0-
70
°C
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
VDD
-0.3
7.0
V
Digital Input Voltage Range
GND - 0.3
VDD + 0.3
V
Forced Digital Output Current
-
50
mA
Sustained Digital Output Voltage
GND - 0.3
VDD + 0.3
V
Output Short Circuit Current
-
-
mA
Operating Temperature Range
TA
070
°C
Lead Solder Temperature (10 s duration)
-
+260
°C
Storage Temperature Range
-65
+160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com