Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 9Page - Cirrus Logic CS7666 Datasheet HTML 10Page - Cirrus Logic CS7666 Datasheet HTML 11Page - Cirrus Logic CS7666 Datasheet HTML 12Page - Cirrus Logic CS7666 Datasheet HTML 13Page - Cirrus Logic CS7666 Datasheet HTML 14Page - Cirrus Logic CS7666 Datasheet HTML 15Page - Cirrus Logic CS7666 Datasheet HTML 16Page - Cirrus Logic CS7666 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
CS7666
DS302PP1
13
24.5454MHz
CLKOUT
DO [9-0]
Line 3 Pixel 776
to Line 4 Pixel 3
DO [9-0]
Line 263 Pixel 638
to Line 264 Pixel 645
DO [9-0]
Line 525 Pixel 638
to Line 1 Pixel 645
Cb638
Y638 Cr638
Y639
FFh
00h
00h
9Dh
80h
10h
80h
10h
80h
10h
EAV
FFh
00h
00h
F1h
80h
10h
80h
10h
80h
10h
80h
10h
80h
10h
EAV
FFh
00h
00h
ABh
80h
10h
80h
10h
80h
10h
80h
10h
80h
10h
SAV
A
A
A
NOTE: EAV, SAV, and Blanking data values are based on the 8 MSB’s of the output data, the two LSBs are considered fractional.
Figure 5. 2x Pixel Clock, 10-Bit interleaved Output Format for 640x480 Image Format.
12.2727MHz
CLKOUT
HREF
DO [9-0]
DO [9-0]
10h
Y0
Y1
Y2
Y3
Y4
Y633
Y634
Y635
Y636
Y637
Y638
Y639
10h
80h
Cb0
Cr0
Cb2
Cr2
Cb4
Cb632 Cr634 Cb634 Cr636 Cb636
Cr638
Cb638
80h
A
B
NOTE: EAV, SAV, and Blanking data values are based on the 8 MSB’s of the output data, the two LSBs are considered fractional.
Figure 6. 1x Pixel Clock, 20-Bit Parallel Output Format for 640x480 Image Format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com