Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 3 Page - Cirrus Logic

  CS7666 Datasheet HTML 1Page - Cirrus Logic CS7666 Datasheet HTML 2Page - Cirrus Logic CS7666 Datasheet HTML 3Page - Cirrus Logic CS7666 Datasheet HTML 4Page - Cirrus Logic CS7666 Datasheet HTML 5Page - Cirrus Logic CS7666 Datasheet HTML 6Page - Cirrus Logic CS7666 Datasheet HTML 7Page - Cirrus Logic CS7666 Datasheet HTML 8Page - Cirrus Logic CS7666 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
CS7666
DS302PP1
3
CHARACTERISTICS AND SPECIFICATIONS
DIGITAL CHARACTERISTICS
(TA = 25 °C; VDD = 5 V; CL = 30 pF; Input Levels: logic 0 = 0 V, logic 1 = VDD.)
SWITCHING CHARACTERISTICS
(TA = 25 °C; VDD = 5 V; CL = 30 pF; Input Levels: logic 0 = 0 V, logic 1 = VDD.)
Notes: 1. CLKIN, fCLK, is fCLK2X/2 in non-interpolated mode and fCLK2X * 2/5 in interpolated mode.
POWER CONSUMPTION
(TA = 25 °C; VDD = 5 V; CL = no load; Input Levels: logic 0 = 0 V, logic 1 = VDD.)
Specifications are subject to change without notice
Parameter
Symbol
Min
Typ
Max
Unit
Logic Inputs
High-Level Input Voltage
VIH
VDD - 0.8
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
Input Leakage Current
IIN
-
-
10.0
µA
Input Pin Capacitance
CDI
-10-
pF
Input Clamp Voltage
-
-0.7
-
V
Logic Outputs
High-Level Output Voltage @ IOH = 2mA
VOH
VDD - 0.4
-
-
V
Low-Level Output Voltage @ IOL = 2mA
VOL
0.4
-
-
V
High-Z Leakage Current
IZ
-
-
10.0
µA
Parameter
Symbol
Min
Typ
Max
Unit
Digital Input
CLKIN2X Frequency Range
(Note 1)
fCLK2X
--
30
MHz
Input Data setup time, DI[9:0]
tS1
5-
-
ns
Input Data hold time, DI[9:0]
tH1
5-
-
ns
Digital Output
Channel A/B Digital Data Output Clock
Interleaved Data
Parallel Data
fCLKOUT
-
-
-
-
30
15
MHz
MHz
Channel A/B Output Hold Time
tOH
-0
-
ns
Channel A/B Output Propagation Delay
tPD
-1.9
5
ns
Digital Output Rise Time with 30 pF load
tR
-15-
ns
Digital Output Fall Time with 30 pF load
tF
-15-
ns
Parameter
Symbol
Min
Typ
Max
Unit
Normal Mode
IDD
-
80
100
mA
Low Power Mode
IDD
-7
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com