Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 21Page - Cirrus Logic CS7666 Datasheet HTML 22Page - Cirrus Logic CS7666 Datasheet HTML 23Page - Cirrus Logic CS7666 Datasheet HTML 24Page - Cirrus Logic CS7666 Datasheet HTML 25Page - Cirrus Logic CS7666 Datasheet HTML 26Page - Cirrus Logic CS7666 Datasheet HTML 27Page - Cirrus Logic CS7666 Datasheet HTML 28Page - Cirrus Logic CS7666 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
CS7666
DS302PP1
25
Blue Saturation Register (0Bh)
BS[7:0]
The Blue Saturation register value controls the amplitude of the B-Y chrominance signal. When
the register value is 00h, the amplitude of the B-Y is minimized; when the register value is FFh,
the amplitude of the B-Y is maximized.
Gamma Correction Register (0Ch)
Writing to the gamma register (0Ch) selects the R, G, and/or B ram. Continuing data writes without sending a stop
bit after the register write results in writes to the ram locations starting with 00h and continuing to FFh. Reads from
register 0Ch function in a similar way. NOTE: All three gamma rams may be selected for simultaneous writes, but
read should be done one ram table at a time.
GC0
Logic “1” selects BLUE gamma ram for subsequent access.
GC1
Logic “1” selects GREEN gamma ram for subsequent ram access.
GC2
Logic “1” selects RED gamma ram for subsequent ram access.
GC[0:7]
Provide R/W access to ram after gamma ram table has been selected.
Test Control A Register (0Eh)
This register is reserved
Test Control B Register (0Fh)
This register is reserved.
YR Coefficient Register (10h)
Color separation and color space conversion coefficient.
CrR Coefficient Register (11h)
Color separation and color space conversion coefficient.
76543210
BS7
BS6
BS5
BS4
BS3
BS2
BS1
BS0
R/W
76543210
GC7
GC6
GC5
GC4
GC3
GC2
GC1
GC0
R/W
76
54
32
10
YR7
YR6
YR5
YR4
YR3
YR2
YR1
YR0
R/W
76
54
32
10
CrR7
CrR6
CrR5
CrR4
CrR3
CrR2
CrR1
CrR0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com