Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 23Page - Cirrus Logic CS7666 Datasheet HTML 24Page - Cirrus Logic CS7666 Datasheet HTML 25Page - Cirrus Logic CS7666 Datasheet HTML 26Page - Cirrus Logic CS7666 Datasheet HTML 27Page - Cirrus Logic CS7666 Datasheet HTML 28Page - Cirrus Logic CS7666 Datasheet HTML 29Page - Cirrus Logic CS7666 Datasheet HTML 30Page - Cirrus Logic CS7666 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
CS7666
DS302PP1
27
CbB Coefficient Register (18h)
Color separation and color space conversion coefficient.
Slave Data Hold Register (19h)
When an external I2C controller initiates a register read from a slave device on the secondary I2C bus through
CS7666, the returned data is placed in this register. The external controller may then read the data from the Slave
Data Hold register. This register is read only.
EPROM Count Low Byte Register (1Ah)
Lower byte of the number of triple-bytes to be read from EPROM upon reset of CS7666. This register is read only.
EPROM Count High Byte Register (1Bh)
Upper byte of the number of triple-bytes to be read from EPROM upon reset of CS7666. This register is read only.
Version (Major) Register (1Ch)
The major version register (device ID) in the CS7666 is assigned the value FEh. This register is read only.
Version (Minor) Register (1Dh)
The minor version register in CS7666 rev A. is assigned the value 00h. With each minor revision the value is in-
creased by 1. This register is read only.
Low Power Register (20h)
PD
Setting bit PD to “1” will place the CS7666 in low power mode.
Test Enable Register (21h)
This register is reserved.
Reserved Register (22h)
This register is reserved and returns a valud of 00 when read.
Test_AA1 (23h)
This register is reserved and must be set to FFh for normal operation.
Test_AA2 (24h)
This register is reserved and must be set to FFh for normal operation
76543210
CbB7
CbB6
CbB5
CbB4
CbB3
CbB2
CbB1
CbB0
R/W
76
54
32
10
res
res
res
res
res
res
res
PD
Reserved
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com