Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 10Page - Cirrus Logic CS7666 Datasheet HTML 11Page - Cirrus Logic CS7666 Datasheet HTML 12Page - Cirrus Logic CS7666 Datasheet HTML 13Page - Cirrus Logic CS7666 Datasheet HTML 14Page - Cirrus Logic CS7666 Datasheet HTML 15Page - Cirrus Logic CS7666 Datasheet HTML 16Page - Cirrus Logic CS7666 Datasheet HTML 17Page - Cirrus Logic CS7666 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
CS7666
14
DS302PP1
In 20-bit wide mode, the luminance information is
output on DOA[9:0] and the chrominance informa-
tion is output on DOB[9:0].
The CS7666 supports both 8-bit and 10-bit opera-
tion as per the ITU-656 recommendation. The ITU-
656 recommendation defines the primary data path
as 8-bits wide with two additional fractional bits
that can be used to form a 10-bit data path. If only
8-bits of output data are used, the two LSBs, DOA1
and DOA0 (DOB1, DOB0) are not used. However,
DOA[9:2] (DOB[9:2]) are connected exactly the
same as in a 10-bit system. This is essential to
properly pass the image data and synchronization
signals to the next component.
Internal Horizontal Scaler
The internal horizontal scaler is used to bridge be-
tween common CCD imager formats and computer
or television formats. In the CS7665 compatibility
mode (default after reset) a 4:5 data rate scaler is
selected by setting the INTERP pin (pin 54 on the
CS7666) to a logical one. The 4:5 scaler will con-
vert a standard 512 horizontal pixel width CCD im-
ager used for cam-corders into the VGA 640x480
format. The CS7615 (if that device is used in the
system) must also have its INTERP pin set high.
When the CS7666 is in the native CS7666 mode
(True_7666 in register 04h set to 1), the INTERP
pin is ignored and the internal scaling ratio is pro-
grammed by the user. The CS7615 must have its
INTERP pin tied to ground.
Several pre-defined scaler modes may be selected
by writing a 3-bit value to bits 0-2 of register 04h.
These default scaling modes are described in
Table 7. If the CUSTOM bit (bit 3 of register 04h)
is set to a 1, then the scaling ratio is determined by
the M and N values contained in the Scaler Control
registers (2Dh - 2Fh.)
CLKIN and CLKIN2X Input Timing
The CLKIN, pin 55, will always require a primary
pixel rate clock source. CCD manufacturers gener-
ally specify a pixel clock frequency that is compat-
Parallel
INTERL = 1
Interleaved
INTERL = 0
DOA[9:0]
10-Bit
Luminance Data
Interleaved 10-Bit
Luminance Data
and 10-Bit
Chrominance Data
DOB[9:0]
10-Bit
Chrominance Data
0
CLKOUT
Pixel Rate
2x Pixel Rate
Table 5. INTERL Controlled Output Formats
Register 04h
bit 4
Pin 54
Operation
Scaling Ratio
0
0
CS7665 mode
1:1
0
1
CS7665 mode
4:5
1
X
CS7666 mode programmable
Table 6. INTERP Pin (Pin 54)
Mode
CCD Format
CCD Clock (MHz)
Output Format
Input Clock (MHz)
Scaling Ratio
000
CCD
½ input clock
same as CCD
(30 MHz max.)
1:1
001
512x480
9.818
640x480
24.5454
4:5
010
512x480
9.346
720x480
27.000
9:13
011
512x576
9.281
720x480
27.000
11:16
100
362x480
6.75
640x480
24.5454
11:20
101
362x480
6.75
720x480
27.000
1:2
362x576
6.75
720x576
27.000
110
512x576
9.563
720x576
27.000
17:24
111
512x480
9.000
720x480
27.000
2:3
512x576
9.000
720x576
27.000
Table 7. Default Scaling Modes (Register 04h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com