Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 15Page - Cirrus Logic CS7666 Datasheet HTML 16Page - Cirrus Logic CS7666 Datasheet HTML 17Page - Cirrus Logic CS7666 Datasheet HTML 18Page - Cirrus Logic CS7666 Datasheet HTML 19Page - Cirrus Logic CS7666 Datasheet HTML 20Page - Cirrus Logic CS7666 Datasheet HTML 21Page - Cirrus Logic CS7666 Datasheet HTML 22Page - Cirrus Logic CS7666 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
CS7666
DS302PP1
19
then sending a one-byte station address indicating
read to the CS7666. The data from register 19h is
then returned by the CS7666.
Initializing Slave Devices on Secondary I2C
bus from an EPROM
An EPROM may be attached to the secondary I
2C
bus for initialization purposes. Resetting the
CS7666 initiates a download of register values
from the EPROM into any of the slave devices on
the secondary I
2C bus. The EPROM is assumed to
be at station address A0h. If during initialization,
the CS7666 does not receive an acknowledge bit
from the EPROM, all transactions with the
EPROM are aborted and the NODEV status bit is
set in status register at address 01h.
The data within the EPROM is formatted in three-
byte packets that represent the destination address,
register address, and data. After reading a packet,
the CS7666 initiates an I
2C bus cycle using the first
byte as the device station address, the second byte
as the device register address, and the third byte as
the data being written to the device. If an acknowl-
edge is received from the target device, the CS7666
will fetch the next 3 bytes from the EPROM and re-
peat the process. The only exception being the
gamma table whose entire 256 bytes is transferred
in one I
2C write cycle. This process will continue
until the total number of packets read equals the
value in the EEPROM count register (registers 1Ah
and 1Bh), a HALT command is executed, or no ac-
knowledge is received from the target device.
While the CS7666 is downloading from the
EPROM, the INITACT bit (register 01h bit3) is set
in the status register of CS7666. All attempts to
write to CS7666 registers by an external controller
will be ignored during this time.
Controlling the Configuration Process
The simplest configuration would consist of an
EPROM with one configuration file. In this case,
the first commands in the EPROM should write the
total number of packets in the EEPROM. This data
is written to the EEPROM count high and low byte
registers (registers 1Ah and 1Bh). Subsequent
bytes would contain all the necessary data to con-
figure the camera. This data will be read in a se-
quential fashion.
If, however, multiple configurations are desired,
the EEPROM may be programmed with multiple
sets of data, and the CS7666 programmed to select
one of 8 configurations. The CS7666 incorporates
3 commands to handle multiple configurations:
SKIP, JUMP, and HALT.
The SKIP command tells the CS7666 to skip to the
address within the EEPROM specified by the Con-
figuration Control registers (30h - 3Fh). The Con-
figuration Control registers are used in pairs to
provide a 11-bit EEPROM address. The Configura-
tion Index register determines which two of the 8
pairs will be used.
The Configuration Index Register is loaded auto-
matically after reset by the CS7666. The CS7666
will attempt a read cycle from the parallel I/O port
of a Crystal CS495X series video encoder or
SAA8574 I
2C port expander from Philips Semi-
conductors. If the read cycle is successful, the Con-
figuration Index register will contain the state of
the lower 3 bits of the parallel I/O port. If both the
Byte Sequence
WRITE Format Packet Detail
First Byte
Station Address of CS7666 with
LSB Set LOW
Second Byte
Station Address of CS7666 with
LSB Set LOW
Third Byte
Slave Data Hold reg. address 19h
Table 13. Address Set for Slave Data Hold register in
Four-byte mode
Byte Sequence
READ Format Packet Details
First Byte
CS7666 Station Address with LSB
set HIGH.
Second Byte
Returned data from register 19h of
CS7666
Table 14. READ Format Packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com