Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 6Page - Cirrus Logic CS7666 Datasheet HTML 7Page - Cirrus Logic CS7666 Datasheet HTML 8Page - Cirrus Logic CS7666 Datasheet HTML 9Page - Cirrus Logic CS7666 Datasheet HTML 10Page - Cirrus Logic CS7666 Datasheet HTML 11Page - Cirrus Logic CS7666 Datasheet HTML 12Page - Cirrus Logic CS7666 Datasheet HTML 13Page - Cirrus Logic CS7666 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
CS7666
10
DS302PP1
Embedded ITU-656 EAV and SAV Timing
The lines in Figure 3 are numbered 1 through 525.
Video data is not present on lines 1 to 19 or 264 to
282, which constitute the vertical blanking periods.
The vertical blanking is in full line increments,
where Y samples are set to 10h, while Cb and Cr
samples are set to 80h. The interval starting with
EAV and ending with SAV is the digital horizontal
synchronization, which occurs on every line.
It is implicit that the timing reference signals are
contiguous with the video data and continue
through the vertical blanking interval. Each timing
reference signal consists of the four-word sequence
in Table 2. The first three words are a preamble,
followed by a fourth word indicating a) even field
(field 2) identification, b) state of vertical blanking,
and c) state of horizontal blanking. Table 1 details
the timing reference format. The protected bit
states are dependent on the F, V, and H bits accord-
ing to Table 3.
Protected State Bits - In Tables 3 and 4, H, V, and
F bits provide all the necessary timing and state in-
formation. Bits 0 to 3 provide error detection and
correction information. The protection bits allow
for correction of single-bit errors and detection of
two-bit errors. The F or field bit indicates which of
the interlaced fields is active, the first/odd field
which contains 262 lines, or the second/even field
which contains 263 lines.
Value
Description
First Byte
FFh
Fixed
Second Byte
00h
Fixed
Third Byte
00h
Fixed
Fourth Byte
xyh
See Table 3
Table 2. Timing Reference Signal
Bit Position
Word 1281
and 1556
Word 1281
and 1557
Word 1282
and 1558
Word 1283
and 1589
Description
7
1001
Fixed
6
1
0
0
F
F = 0 during Field 1/ODDF = 1
during Field 2/EVEN
5
1
0
0
V
V = 0 during Active VideoV = 1
during Vertical Blanking
4
1
0
0
H
H = 1 at end of Active VideoH = 0
at start of Active Video
3
1
0
0
P3
see Protected Bits State Table 4
2
1
0
0
P2
see Protected Bits State Table 4
1
1
0
0
P1
see Protected Bits State Table 4
0
1
0
0
P0
see Protected Bits State Table 4
Table 3. EAV and SAV Timing Reference Signal Detail.
Bit 7
Bit 6 (F)
Bit 5 (V)
Bit 4 (H)
Bit 3 (P3)
Bit 2 (P2)
Bit 1 (P1)
Bit 0 (P0)
1
0000000
1
0011101
1
0101011
1
0110110
1
1000111
1
1011010
1
1101100
1
1110001
Table 4. EAV and SAV Protected Bit States Detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com