Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 2Page - Cirrus Logic CS7666 Datasheet HTML 3Page - Cirrus Logic CS7666 Datasheet HTML 4Page - Cirrus Logic CS7666 Datasheet HTML 5Page - Cirrus Logic CS7666 Datasheet HTML 6Page - Cirrus Logic CS7666 Datasheet HTML 7Page - Cirrus Logic CS7666 Datasheet HTML 8Page - Cirrus Logic CS7666 Datasheet HTML 9Page - Cirrus Logic CS7666 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
CS7666
6
DS302PP1
GENERAL DESCRIPTION
Overview
The CS7666 forms the heart of a four chip digital
CCD Camera. The four chips include the CCD im-
ager, the CS7615 CCD digitizer, the CS7666 color
space processor, and a vertical drive interface-chip
for the CCD imager. Most four-phase CCD imag-
ers (and their associated vertical drives) can be
used with the CS7615 digitizer and the CS7666
processor to form a simple and cost-effective
YCrCb output format digital camera. The CS7615
and CS7666 together support imager formats rang-
ing from 175×175 pixels up to 1000x1000 pixels.
Timing control is located in the CS7615 analog
processor, while the CS7666 synchronizes itself by
decoding the timing cues embedded in the CS7615
data stream. Alternately, the CS7666 accepts hori-
zontal and vertical timing signals on pin inputs.
The block diagram in Figure 1 illustrates a typical
system interconnect.
The CS7666 is a CCD camera color separation and
color-space processor designed to process the four-
color mosaic CCD imager data into ITU-601 com-
pliant 4:2:2 YCrCb digital component video. The
CS7666 timing control is based on the built-in crys-
tal oscillator or on the master clock provided by the
CS7615, and provides formatted component digital
video compliant with SMPTE-125 and ITU-656
transport protocols.
The CS7666 provides color separation of standard
MYCG chroma block data from industry standard
four-color CCD imagers. Gamma correction and
white balance adjustment functions are also includ-
ed in the CS7666. The YCrCb (luminance and
chrominace) data is output at the scaled CCD pixel
rate in 20-bit format, or at twice the scaled pixel
rate in 10-bit format (see discussion on Digital Out-
put Formats). The YCrCb output data from the
CS7666 conforms to the ITU-656 parallel compo-
nent digital video recommendation with embedded
synchronization (see Embedded EAV and SAV
discussion). External horizontal and vertical syn-
chronization signals are also provided to support
ITU-601 interfaces, as well as the PC-Card Zoom-
Video standard being used in notebook computers.
The CS7666 incorporates an internal horizontal
scaler which may be turned on to increase the hori-
zontal pixel count of the popular 360 (CIF) and 512
horizontal pixel per line imagers. The most com-
CCD
Bias
Vertical
Drive
Timing
CDS/ADC
Video
Codec
+18V to +12V
I2C
Bus
6
6
2
+5V
CS7666
512x480
CS7615
CCD
Image
Processor
CS4954
I2C
I2C
Figure 1. Typical 4-Chip Digital CCD Camera
Figure 2. CS7666 Block Diagram
DEFORMATTER
COLOR SEPARATION
AND ANITALIASING
WHITE
BALANCE
AWB
CONTROL
GAMMA
CORRECTION
SCALER
OUTPUT
FORMATTER
I2C INTERFACE
REGISTER
PLL AND
OUTPUT
BLOCK
CLOCK DRIVER
TIMING
YCrCb
VREF/VSYNC
HREF/HSYNC
XTAL
PRIMARY
I2C BUS
SECONDARY
I2C BUS
CCD
DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com