Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 29Page - Cirrus Logic CS7666 Datasheet HTML 30Page - Cirrus Logic CS7666 Datasheet HTML 31Page - Cirrus Logic CS7666 Datasheet HTML 32Page - Cirrus Logic CS7666 Datasheet HTML 33Page - Cirrus Logic CS7666 Datasheet HTML 34Page - Cirrus Logic CS7666 Datasheet HTML 35Page - Cirrus Logic CS7666 Datasheet HTML 36Page - Cirrus Logic CS7666 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
CS7666
DS302PP1
33
EEPROM Control (42h)
State machine commands for loading EEPROM data after reset. (see extended EPROM configuration)
HALT
Writing a 1 to this bit stops the reading of EEPROM data.
SKIP
Writing a 1 to this bit forces the next EEPROM read cycle to occur at the address held in the
Configuration Control (n) register, where "n" is the value held in the Configuration Index Regis-
ter (43h)
JUMP
Writing a 1 to this bit forces the next EEPROM access to occur at the address held in registers
40h and 40h.
Configuration Index Register (43h)
This contains the DIP switch status at reset. (see extended EPROM configuration) The value of this register selects
the appropriate Configuration register when the SKIP command is executed.
Reserved Registers (44h - FEh)
These registers are reserved and return a value of 00h when read.
Station Address Register (FFh)
CS7666 station address, 7 MSBs (the LSB of the complete 8-bit station address is determined by the LSB which
acts as a read/write direction bit).
76
54
32
10
res
res
res
res
res
JUMP
SKIP
HALT
R/W
76
54
32
10
res
res
res
res
res
SW2
SW1
SW0
Reserved
R/W
76
54
32
10
res
SA6
SA5
SA4
SA3
SA2
SA1
SA0
Reserved
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com