Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 25Page - Cirrus Logic CS7666 Datasheet HTML 26Page - Cirrus Logic CS7666 Datasheet HTML 27Page - Cirrus Logic CS7666 Datasheet HTML 28Page - Cirrus Logic CS7666 Datasheet HTML 29Page - Cirrus Logic CS7666 Datasheet HTML 30Page - Cirrus Logic CS7666 Datasheet HTML 31Page - Cirrus Logic CS7666 Datasheet HTML 32Page - Cirrus Logic CS7666 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
CS7666
DS302PP1
29
Flare Control 6 (2Ch)
Cr_L
[1:0]
Flare control filter Cr low threshold bits 1 and 0.
Cb_L
[1:0]
Flare control filter Cb low threshold bits 1 and 0.
Cr_H
[1:0]
Flare control filter Cr high threshold bits 1 and 0.
Cb_H
[1:0]
Flare control filter Cb high threshold bits 1 and 0.
Scaler Control 1 (2Dh)
PLL_M
[4:0]
This is the PLL M value when the CUSTOM bit (bit 3 register 04h) is set.
BYPASS
[1:0]
See PLL section.
Scaler Control 2 (2Eh)
PLL_N
[4:0]
This is the PLL N value when the CUSTOM bit (bit 3 register 04h) is set.
HALF
Sets the internal PLL reference clock to 1/2 the input clock.
Scaler Control 3 (2Fh)
OFFSET
[7:0]
This value controls the offset fo the internal Scaler.
Configuration Control 0 (30h)
This register contains the 3 MSBs of the EEPROM address used when the SKIP bit is set (bit1 register 42h) and the
Configuration Index Register (43h) is set to 00h.
76543210
Cb_H1
Cb_H0
Cr_H1
Cr_H0
Cb_L1
Cb_L0
Cr_L1
Cr_L0
R/W
R/W
R/W
R/W
76543210
BYPASS1
BYPASS0
res
PLL_M4
PLL_M3
PLL_M2
PLL_M1
PLL_M0
R/W
Reserved
R/W
76543210
HALF
res
res
PLL_N4
PLL_N3
PLL_N2
PLL_N1
PLL_N0
R/W
Reserved
R/W
76543210
OFFSET7
OFFSET6
OFFSET5
OFFSET4
OFFSET3
OFFSET2
OFFSET1
OFFSET0
R/W
76
54
32
10
res
res
res
res
res
SKP010
SKP09
SKP08
Reserved
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com