Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 11Page - Cirrus Logic CS7666 Datasheet HTML 12Page - Cirrus Logic CS7666 Datasheet HTML 13Page - Cirrus Logic CS7666 Datasheet HTML 14Page - Cirrus Logic CS7666 Datasheet HTML 15Page - Cirrus Logic CS7666 Datasheet HTML 16Page - Cirrus Logic CS7666 Datasheet HTML 17Page - Cirrus Logic CS7666 Datasheet HTML 18Page - Cirrus Logic CS7666 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
CS7666
DS302PP1
15
ible with one of the analog encoders that can be
used with a given imager. If an analog encoder is
used in the camera to generate an analog output, the
pixel clock frequency expected by the encoder
must be matched precisely. However, digital dis-
play systems, such as those based on VGA graphics
adapter cards and Zoom Video systems, are gener-
ally not sensitive to pixel clock frequency, and will
tolerate a wide range of pixel and frame rates.
Specific pixel-rate clock frequencies for analog en-
coders include 14.31818 MHz for 768H imagers,
the primary ITU-601 13.5 MHz for 720H imagers,
and down to 12.272727 MHz clock rates for 640H
VGA format imagers.
In CS7665 compatibility mode (register 04h bit 4 =
0), The CLKIN2X, pin 56, will either require a
2.5X CCD pixel rate clock when the internal 4:5
scaler is enabled (INTERP pin high) or a 2x times
the
CCD pixel rate clock in non-interpolation
mode (INTERP pin low). The CLKIN2X pin is
used as a crystal input pin when the CS7666 is in
native mode (register 04h bit4 = 1).
CLKOUT
CLKOUT follows the output data rate as described
in the Digital Output Formats section. In the non-
interleaved mode the clock output is at the output
luma sample rate whereas in the interleaved mode
the clock output is at 2x the output luma sample
rate.
INTERNAL PROCESSING
The internal operation of the CS7666 can be sepa-
rated into several distinct blocks. The following
section provides an overview of how these blocks
operate and interact.
Input Data Format and Chroma Separator
The CS7666 accepts up to 10-bit MYCG image
data from a CCD digitizer such as the CS7615.
suitable CCD analog processing unit. The CS7666
internally converts the four-color CCD MYCG in-
terlaced image data into the various color space for-
mats. These include RGB and YUV, as well as
YCrCb. The individual image adjustments are per-
formed in the most appropriate color space repre-
sentation. Ultimately the image is converted to
YCrCb format for outputting data.
Color Saturation Control
Color saturation control is via the Red Saturation
and the Blue Saturation control register addresses
0Ah and 0Bh.
White Balance and Gamma Correction
The red and blue color balances can be adjusted
through the I
2C control port. During the AWB (au-
tomatic white balance) sequence the red level is ad-
justed
to
minimize
the
(Y-R)
difference
component; similarly the blue level is adjusted to
minimize the (Y-B) color difference component.
An automatic white balance is initiated by writing
a 1 to register 05h bit 1. For manual control, the red
balance is accessed through register 08h, and the
blue balance is accessed through register 09h.
Gamma correction is provided to offset the non-lin-
ear illumination profile of the display device. Sep-
arate 256 entry tables are supplied for red, green,
and blue. Each entry is 8-bits. The gamma table is
programmed through register 0Ch. The write for-
mat is similar to the write format described in the
normal I
2C operation section later in this docu-
ment. The first byte contains the CS7666 device
address and write bit, the second byte contains the
CS7666 gamma table register address (0Ch), the
third byte determines which gamma RAM to up-
date (red, green, and blue), the next 256 bytes con-
tain the gamma table entries.
The blue gamma RAM is selected by setting regis-
ter 0Ch bit 0 to a one; the green gamma RAM is se-
lected by setting register 0Ch bit 1 to a one; and the
red gamma RAM is selected by setting register 0Ch
bit2 to a one. Any, or all of the gamma RAMs may
be selected . The most common implementation is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com