Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 5Page - Cirrus Logic CS7666 Datasheet HTML 6Page - Cirrus Logic CS7666 Datasheet HTML 7Page - Cirrus Logic CS7666 Datasheet HTML 8Page - Cirrus Logic CS7666 Datasheet HTML 9Page - Cirrus Logic CS7666 Datasheet HTML 10Page - Cirrus Logic CS7666 Datasheet HTML 11Page - Cirrus Logic CS7666 Datasheet HTML 12Page - Cirrus Logic CS7666 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
CS7666
DS302PP1
9
Word
Data Content
Pixel
Notes
1280
1111
1111
640
EAV
1281
0000
0000
EAV
1282
0000
0000
EAV
1283
1FV1
P3P2P1P0
641
EAV
1284
1000
0000
642
Fro pixels 642 to 777
Cr = Cb = 80h
Y = 10h
1285
0001
0000
1286
1000
0000
1287
0001
0000
643
1552
1000
0000
776
1553
0001
0000
1554
1000
0000
1555
0001
0000
777
1556
1111
1111
778
SAV
1557
0000
0000
SAV
1558
0000
0000
SAV
1559
1FV0
P3P2P1P0
779
SAV
0
Cb0
0
Start of Digital Video
1
Y0
For VBLANK line 1 to 19
and 264 to 283
Cr = Cb = 80h
Y = 10h
2Cr0
3Y1
1
4Cb2
2
5Y2
6Cr2
7Y3
3
2n
Cbn
n
For active pixels 20
through 263 and 283 to
525 for n=even from pix-
els 0 to 638
2n + 1
Yn
2n + 3
Crn
Yn+1
n+1
1272
Cb636
636
1273
Y636
1274
Cr636
1275
Y637
637
1276
Cb638
638
1277
Y638
1278
Cr638
1279
Y639
End of Digital VIdeo
Table 1. Detail of Scan Line for 640x480 Image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com