Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 14Page - Cirrus Logic CS7666 Datasheet HTML 15Page - Cirrus Logic CS7666 Datasheet HTML 16Page - Cirrus Logic CS7666 Datasheet HTML 17Page - Cirrus Logic CS7666 Datasheet HTML 18Page - Cirrus Logic CS7666 Datasheet HTML 19Page - Cirrus Logic CS7666 Datasheet HTML 20Page - Cirrus Logic CS7666 Datasheet HTML 21Page - Cirrus Logic CS7666 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
CS7666
18
DS302PP1
board are tied to the secondary I2C port of the
CS7666. WRITE and READ packets only are de-
fined in four-byte mode. Independent address set
operations to slave devices on the secondary I2C
bus is not allowed in four-byte mode. Four-byte
mode is active when the 4BYTEMODE pin (pin 1)
is logic high.
Write Operations in Four-Byte mode
All WRITE operations from an external controller,
through the CS7666, to any slave device must use
the four-byte mode; this includes writing to the
CS7666 itself. The external controller sends a four-
byte WRITE command to the CS7666 which ini-
tiates a WRITE operation to the destination slave
device and sets the I2CBUSY bit in the status reg-
ister (01h). The I2CBUSY bit is cleared when the
write operation on the secondary bus is complete.
The External controller can poll the status register
to check if the CS7666 has completed the com-
mand.
The CS7666 has a one command buffer which al-
lows the external controller to queue one additional
command while the current command is still being
executed. If more than one command is sent before
the I2CBUSY bit is cleared, the CS7666 saves only
the last command and executes it after the current
one is completed. Commands that involve writing
or reading only to CS7666 registers are not put in
the queue but are executed immediately without af-
fecting any transactions occurring on the master
I
2C interface.
Any attempt by the external I
2C controller to write
to the CS7666 registers while the CS7666 is busy
initializing from an external EEPROM will be ig-
nored. However, reads from the CS7666 are al-
lowed during this time.
If, during a READ or WRITE operation to a slave
device, the CS7666 fails to receive an acknowledge
bit the execution of the command is aborted and the
NODEV bit in the status register is set high. This
bit remains set unless it is explicitly cleared by
writing to it or a new command is written to
CS7666.
Read Operations in Four-Byte Mode
The READ operation in four-byte mode first re-
quires a three-byte READ-TRIGGER packet to the
CS7666. The first byte is the station address of the
CS7666 with the LSB set LOW. The second byte is
the target slave device’s station address with the
LSB (data direction bit) set HIGH. The third byte is
the register address (0..255).
The READ-TRIGGER packet initiates a READ
operation by the CS7666 from the target slave de-
vice on the secondary I
2C bus. The status register
in the CS7666 may be checked to see if the read op-
eration has been completed. The I2CBUSY bit in
status register 01h is set to zero when the operation
is completed.
On completion of a read cycle from the target de-
vice, the CS7666 places the data read into the Slave
Data Hold register at address 19h. The external
controller can read this data through the primary
I
2C port. This requires first performing an AD-
DRESS SET operation to set the address to 19h and
Byte Sequence
WRITE Format Packet Detail
First Byte
Station Address of CS7666 with LSB
Set LOW
Second Byte
Station Address of target slave
device with LSB Set LOW
Third Byte
Device Register Address (0..255)
Fourth Byte
Register Data (0..255)
Table 11. Four-byte WRITE Format Packet
Byte Sequence
READ-TRIGGER format Packet
Details
First Byte
CS7666 Station Address with LSB
Set LOW
Second Byte
Target device Station Address with
LSB Set HIGH
Third Byte
Device Register Address (0..255)
Table 12. READ-TRIGGER packet in four-byte mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com