Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 19Page - Cirrus Logic CS7666 Datasheet HTML 20Page - Cirrus Logic CS7666 Datasheet HTML 21Page - Cirrus Logic CS7666 Datasheet HTML 22Page - Cirrus Logic CS7666 Datasheet HTML 23Page - Cirrus Logic CS7666 Datasheet HTML 24Page - Cirrus Logic CS7666 Datasheet HTML 25Page - Cirrus Logic CS7666 Datasheet HTML 26Page - Cirrus Logic CS7666 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
CS7666
DS302PP1
23
Operational Control Register (06h)
OBLU
Logic high causes the first line after VREF of the odd field to be processed as a BLUE line. Logic
low causes the first line of the odd field to be processed as a RED line.
EBLU
Logic high causes the first line after VREF of the even field to be processed as a BLUE line.
Logic low causes the first line of the even field to be processed as a RED line.
POSPIX
Logic “1” causes the first pixel of the first line to be treated as a positive pixel in the color sep-
aration block. Logic “0” causes the first pixel to be treated as a negative pixel. Try toggling this
bit if the colors appear “reversed”.
OE
The Output Enable Bit operates in conjunction with the external Output Enable Pin, as illustrat-
ed in Table 15.
INREF
Logic “1” causes CS7666 to accept HREF input and VREF input pins as the reference inputs
signals. EAV and SAV codes in the CCD data stream are ignored. Logic “0” causes the internal
de-formatter to decode and follow the embedded EAV and SAV codes sent from the CCD dig-
itizer (as with the CS7615).
INTERL
Logic “0” places the digital outputs in interleaved mode with alternate Y and CrCb data on the
DO[A0..A9] 10-Bit output. Logic “1” places the digital outputs in parallel mode with Y data on
DO[A0..A9] and CrCb on the DO[B0..B9] outputs.
ZV A
Logic “1” causes VREFOUT pin to output a VSYNC signal compatible with ZV port specifica-
tions as well as many composite video encoders.
76
5
4
32
10
res
ZV
INTERL
INREF
OE
POSPIX
EBLU
OBLU
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
R/W
OE Bit
OE Pin
Digital
Outputs
0
0
Enabled
0
1
High-Z
1
0
High-Z
1
1
Enabled
Table 15. OE Pin and Bit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com