Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 33Page - Cirrus Logic CS7666 Datasheet HTML 34Page - Cirrus Logic CS7666 Datasheet HTML 35Page - Cirrus Logic CS7666 Datasheet HTML 36Page - Cirrus Logic CS7666 Datasheet HTML 37Page - Cirrus Logic CS7666 Datasheet HTML 38Page - Cirrus Logic CS7666 Datasheet HTML 39Page - Cirrus Logic CS7666 Datasheet HTML 40Page - Cirrus Logic CS7666 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
CS7666
DS302PP1
37
CLKOUT - Digital Output Data Clock, PIN 59.
Digital output clock for both channel "A" and channel "B." Output data transitions on the
falling edge of CLKOUT and can be latched on the rising edge. In the non-interleaved output
mode, the CLKOUT rate is equal to the input mosaic pixel rate multiplied by the scaling ratio
currently in use with Y data available on channel "A" and CrCb output data on Channel "B." In
interleaved output mode, the CLKOUT rate is equal to twice the input mosaic pixel rate
multiplied by the current scaling ratio with Y and CrCb output data available on Channel "A".
INTERP - Digital Video Horizontal Data Rate Scaler Enable, PIN 54.
CMOS input enabling the internal 4:5 horizontal data rate scaler when the CS7666 is in
CS7665 compatibility mode (default.) Requires that CLKIN2 be supplied with a 5/2 rate clock
relative to the CLKIN clock input which is the incoming CCD mosaic data. This pin control is
active logic high. This pin is ignored in CS7666 native mode.
HREFOUT - Horizontal Reference Output, PIN 30.
CMOS output providing HREF, or alternatively HSYNC horizontal blanking signal.
VREFOUT - Vertical Reference Output, PIN 31.
CMOS output providing a VREF, or alternatively VSYNC vertical blanking signal.
FIELD - Odd/Even Field Indicator, PIN 62.
CMOS input/output. As an input, the field pin synchronizes the EAV/SAV timing codes
embedded in the output video datastream. As an output, the FIELD indicator changes according
to the embedded EAV/SAV timing codes in the input video datastream or the HREFIN and
VREFIN inputs. Odd fields are indicated with logic low, and even fields are indicated with
logic high. Alternately, the Field pin can be configured as a U/V clock.
OE - Output Enable, PIN 63.
CMOS input used to place all output pins in a High-Z mode. This control works in conjunction
with the OE bit (bit 3)in register 06h.
Output Mode
Mosaic
Data Rate
CLKIN
CLKIN2
Channel
“A”
Channel
"B”
CLKOUT Horizontal
Pixels
Interleaved, scaler disabled
9.818 MHz 9.818 MHz 19.63 MHz
YcrCb
logic "0” 19.63 MHz
512
Interleaved, scaler enabled
9.818 MHz 9.818 MHz 24.54 MHz
YcrCb
logic "0” 24.54 MHz
640
Parallel, scaler disabled
9.818 MHz 9.818 MHz 19.63 MHz
Y
CrCb
9.818 MHz
512
Parallel, scaler enabled
9.818 MHz 9.818 MHz 24.54 MHz
Y
CrCb
12.27 MHz
640
Table 16. Example 512x492 Imager Output Options
(4:5 scaling ratio chosen)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com