Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 7Page - Cirrus Logic CS7666 Datasheet HTML 8Page - Cirrus Logic CS7666 Datasheet HTML 9Page - Cirrus Logic CS7666 Datasheet HTML 10Page - Cirrus Logic CS7666 Datasheet HTML 11Page - Cirrus Logic CS7666 Datasheet HTML 12Page - Cirrus Logic CS7666 Datasheet HTML 13Page - Cirrus Logic CS7666 Datasheet HTML 14Page - Cirrus Logic CS7666 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
CS7666
DS302PP1
11
Individual Timing and Synchronization
Signals
In addition to the embedded EAV and SAV timing
signals, the CS7666 provides individual synchroni-
zation output signals which are employed by many
video encoder circuits. These synchronization sig-
nals are typically used to interface the ITU-656 dig-
ital video stream to other components and
subsystems. The individual synchronization sig-
nals include HREFOUT and VREFOUT.
HREFOUT/HSYNC
HREFOUT is an active-high signal indicating
when active pixel data is being transmitted on
DOA[9:0] or DOB[9:0]. HREFOUT is low when
non-active picture data is being transmitted during
horizontal blanking. Depending on the mode of op-
eration, the HREFOUT signal follows either the
HREFIN signal or the HREF defined by the EAV
and SAV code.
The HREFOUT pin may also be configured to pro-
vide a HSYNC output that provides an active low
pulse for 64 pixel clocks whose falling edge occurs
16 pixel clocks after the end of active video for
NTSC (12 clocks for PAL) as per the ITU-R
BT.601 specification. HSYNC is chosen by setting
the Operation Control Register II (07h) HS_SEL
bit (bit 0) to a value of 1. This pin may be inverted
by setting the H_INV bit (register 07h bit2) to a
value of 1. The HSYNC signal may be delayed by
0, 0.5, 1, or 1.5 pixel clocks by setting H_SFT[1-0]
appropriately (register 07h bits 5 and 4.)
VREFOUT/VSYNC
VREFOUT is an output signal that is active high
when the CS7666 is putting out active video lines.
The active-low portion of this signal defines the
vertical blanking period. If the VS_SEL bit in reg-
ister 07h is set, this output pin produces a vertical
sync signal that is compatible with current PAL or
NTSC analog systems. See Figure 4. This signal is
active for 3 line times in NTSC mode (bit 5 of reg-
ister 04h = 0) and 2.5 line times in PAL mode (bit5
of register 04h = 1.) This line may be inverted by
setting the V_INV bit (register 07h) to a value of 1.
Alternately, when the ZV mode bit in register 06h
is set, this output behaves as a VSYNC signal ap-
propriate for ZV ports. In the ZV mode, the
VSYNC signal is active-high during the first six
horizontal line periods of every field. The transition
in VSYNC signal lags the HREF signal’s rising
edge during odd fields and leads the rising edge of
HREF during even fields.
Digital Output Formats
The CS7666 outputs data in a 20-Bit wide format at
the output pixel clock rate. Alternately, the data can
be multiplexed in a 10-bit format at a 2x output pix-
el clock rate. Figures 5 and 6 detail the clock and
data relationships. The output data transitions on
the falling edge of the clock such that the rising
edge of the clock can be used to latch the data into
subsequent circuitry.
The CS7666 delivers 4:2:2 component digital vid-
eo output data in YCrCb format. The data conforms
to the ITU-R BT.656 specification. The Y compo-
nent range is 16-235 (8-bit data) and the Cr and Cb
component ranges are 16-240 (8-bit data). Howev-
er, by setting CLIP_OFF (register 07h bit 6) to a
value of 1, the output data can be extended to a
range of 1-254 (8-bit data). Only 00 and FF are re-
stricted to allow digital timing codes.
The digital outputs can be configured for 10-bit in-
terleaved Y and CrCb data, or for 20-bit parallel
operation. The INTERL bit of the Operational Con-
trol Register 06h determines which output format is
active. Logic 0 places the CS7666 in interleave
mode with output data on channel "A." Logic 1
places the CS7666 in non-interleaved mode where
luminance data is output on channel "A" and
chrominance data is output on channel "B."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com