Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 18Page - Cirrus Logic CS7666 Datasheet HTML 19Page - Cirrus Logic CS7666 Datasheet HTML 20Page - Cirrus Logic CS7666 Datasheet HTML 21Page - Cirrus Logic CS7666 Datasheet HTML 22Page - Cirrus Logic CS7666 Datasheet HTML 23Page - Cirrus Logic CS7666 Datasheet HTML 24Page - Cirrus Logic CS7666 Datasheet HTML 25Page - Cirrus Logic CS7666 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
CS7666
22
DS302PP1
Scaler Control (04h)
MODE[2:0]
Selects 1 of 8 pre-defined scaling ratios.
CUSTOM
When set, scaler uses custom values held in registers 2Dh-2Fh.
TRUE_7666
When set, pin 54 is ignored and the CS7666 is in native mode. The default is CS7665 compat-
ibility mode. (pin 54 selects 5:4 scaler.)
PAL
Logic 1 selects PAL timing for HREF and VREF. Default is NTSC.
Feature Control Register (05h)
AWB
The Automatic White Balance procedure is initiated by pointing to a white scene and setting this
bit high. The bit will return a logic high while the AWB procedure is in progress. Setting this bit
low will have no effect. This bit will always be read as a “0” when the AWB is not in progress.
GAMON
The gamma correction from the gamma ram look up table is applied to the video signal in R-G-
B space when this bit is set high. The gamma ram is a fully user programmable, 256 entry look
up table.
LUMOFF
Setting LUMOFF bit high disables the luma peaking filter.
CHROFF
Setting the CHROFF bit high disables the chroma low-pass filter for minimizing color aliasing.
76543210
res
res
PAL
TRUE_7666
CUSTOM
MODE2
MODE1
MODE0
Reserved
R/W
R/W
R/W
R/W
76543210
res
res
res
CHROFF
LUMOFF
GAMON
AWB
res
Reserved
R/W
R/W
R/W
R/W
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com