Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 20Page - Cirrus Logic CS7666 Datasheet HTML 21Page - Cirrus Logic CS7666 Datasheet HTML 22Page - Cirrus Logic CS7666 Datasheet HTML 23Page - Cirrus Logic CS7666 Datasheet HTML 24Page - Cirrus Logic CS7666 Datasheet HTML 25Page - Cirrus Logic CS7666 Datasheet HTML 26Page - Cirrus Logic CS7666 Datasheet HTML 27Page - Cirrus Logic CS7666 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
CS7666
24
DS302PP1
Operational Control Register II (07h)
HS_SEL
Logic 1 causes HSYNC to be output on pin 31. Logic low causes HREF (horizontal blank) to be
output on pin 31.
VS_SEL
L.ogic 1 causes VSYNC to be output on pin 30. Logic low causes VREF (vertical blank) to be
output on pin 30.
H_INV
Logic 1 inverts the polarity of pin 31.
V_INV
Logic 1inverts the polarity of pin 30.
H_SFT[1:0]
Shifts the the signal on pin 30 from 0 to 3 clock cycles.
CLIP_OFF
When set, excludes only 00 and FF from output data. Otherwise ITU BT
TEST_AA
This bit is reserved for test purposes and may be set as a 1 or a 0.
Red Balance Register (08h)
RB[7:0]
The Red Balance register controls the red contribution to the R-Y chrominance signal. When
the register value is 00h, the red contribution is minimized; when the register value is FFh, the
red contribution is maximized. When the AWB correction is in progress, this register value is
adjusted such that the absolute magnitude of the R-Y signal is minimized.
Blue Balance Register (09h)
BB[7:0]
The Blue Balance register controls the blue contribution to the B-Y chrominance signal. When
the register value is 00h, the blue contribution is minimized; when the register value is FFh, the
blue contribution is maximized. When the AWB correction is in progress, this register value is
adjusted such that the absolute magnitude of the B-Y signal is minimized.
Red Saturation Register (0Ah)
RS[7:0]
The Red Saturation register value controls the amplitude of the R-Y chrominance signal. When
the register value is 00h, the amplitude of the R-Y is minimized; when the register value is FFh,
the amplitude of the R-Y is maximized.
76543210
TEST_AA
CLIP_OFF
H_SFT1
H_SFT0
V_INV
H_INV
VS_SEL
HS_SEL
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
54
32
10
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
R/W
76543210
BB7
BB6
BB5
BB4
BB3
BB2
BB1
BB0
R/W
76543210
RS7
RS6
RS5
RS4
RS3
RS2
RS1
RS0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com