Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 24Page - Cirrus Logic CS7666 Datasheet HTML 25Page - Cirrus Logic CS7666 Datasheet HTML 26Page - Cirrus Logic CS7666 Datasheet HTML 27Page - Cirrus Logic CS7666 Datasheet HTML 28Page - Cirrus Logic CS7666 Datasheet HTML 29Page - Cirrus Logic CS7666 Datasheet HTML 30Page - Cirrus Logic CS7666 Datasheet HTML 31Page - Cirrus Logic CS7666 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
CS7666
28
DS302PP1
Test_AA3 (25h)
This register is reserved and must be set to FFh for normal operation
Test_AA4 (26h)
This register is reserved and must be set to FFh for normal operation
Flare Control 1 (27h)
Y_THR[9:2]
Flare control filter Y threshold bits 9-2 (MSB). (Bits 1 and 0 set to 0.)
Flare Control 2 (28h)
Cr_L
[9:2]
Flare control filter Cr low threshold bits 9-2 (MSB).
Flare Control 3 (29h)
Cb_L
[9:2]
Flare control filter Cb low threshold bits 9-2 (MSB). (Bits 1 and 0 set to 0.)
Flare Control 4 (2Ah)
Cr_H
[9:2]
Flare control filter Cr high threshold bits 9-2 (MSB).
Flare Control 5 (2Bh)
Cb_H
[9:2]
Flare control filter Cb high threshold bits 9-2 (MSB). (Bits 1 and 0 set to 0.)
76543210
Y_THR9
Y_THR8
Y_THR7
Y_THR6
Y_THR5
Y_THR4
Y_THR3
Y_THR2
R/W
76543210
Cr_L9
Cr_L8
Cr_L7
Cr_L6
Cr_L5
Cr_L4
Cr_L3
Cr_L2
R/W
76543210
Cb_L9
Cb_L8
Cb_L7
Cb_L6
Cb_L5
Cb_L4
Cb_L3
Cb_L2
R/W
76543210
Cr_H9
Cr_H
Cr_H7
Cr_H6
Cr_H5
Cr_H4
Cr_H3
Cr_H2
R/W
76543210
Cb_H9
Cb_H8
Cb_H7
Cb_H6
Cb_H5
Cb_H4
Cb_H3
Cb_H2
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com