Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7666 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 12Page - Cirrus Logic CS7666 Datasheet HTML 13Page - Cirrus Logic CS7666 Datasheet HTML 14Page - Cirrus Logic CS7666 Datasheet HTML 15Page - Cirrus Logic CS7666 Datasheet HTML 16Page - Cirrus Logic CS7666 Datasheet HTML 17Page - Cirrus Logic CS7666 Datasheet HTML 18Page - Cirrus Logic CS7666 Datasheet HTML 19Page - Cirrus Logic CS7666 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
CS7666
16
DS302PP1
to write the same gamma table to all 3 RAMs by
setting bits 0-2 high. The gamma table itself is
loaded from low to high. The first byte after the
RAM selection byte will correspond to the value
used when the input data is 00h, the 256th byte after
the RAM selection byte will correspond to the val-
ue used when the input data is FFh.
The gamma table is read in a similar manner. How-
ever, certain restrictions are made to reads. First,
the gamma RAMs may only be read one at a time
(RAM selection byte = 01,02,04 only) and, second,
the gamma table may only be read when gamma
correction is disabled (register 05 bit2 = 0).
Chroma Kill
As the brightness of an image increases, the green,
yellow, cyan, and magenta pixels within the CCD
array will saturate at different intensity levels. As a
result, a highly illuminated object or light source
may start to look cyan. To overcome this effect, an
internal Chroma killer circuit compares the luma
and chroma values of each pixel to a set of pro-
grammable thresholds. If the pixel’s luma value is
greater than the Y_THR value (register 27h) and its
Cr and Cb values are between the CR_THR_H ,
CR_THR_L , CB_THR_H, and CB_THR_L
threshold values respectively, then that pixel will
lose its chroma value (become white.)
These
thresholds are stored in registers 27h - 2Ch.
Internal Filters
The CS7666 has an internal low-pass chroma filter
to reduce the effects of color aliasing. This filter is
enabled by writing a value of 0 to bit 4 of register
05h. The CS7666 also contains a luma peaking fil-
ter to enhance the edges of blurred images. This fil-
ter is enabled by setting register 05h bit 3 to a value
of 0.
INTERNAL REGISTER STRUCTURE
AND USER INTERFACE
The user interface describes the user’s external
view of the CS7666 and the basic control opera-
tions. These areas include digital data output modes
and organization, timing and synchronization sig-
nals, I2C interface, and miscellaneous controls.
The CS7666 has two I2C ports: (1) a slave I2C port
called the primary I
2C port, and (2) a secondary I2C
port with limited I
2C master capabilities. The pri-
mary I2C port allows an external controller to con-
trol the CS7666. It is assumed the external
controller will also directly control any other I
2C
slave devices on the camera board. This is the nor-
mal I
2C operation mode of CS7666. The secondary
I
2C port, on the other hand, may be used to control
all the other slave devices on a camera board
through the CS7666 only. This feature is useful
when the external I
2C controller is used to control
multiple cameras. When used in this configuration
the 4BYTEMODE pin (pin 1) of the CS7666 must
be tied high and the device is operated in four-byte
mode.
Operating CS7666 in Normal I2C
Configuration (Three-Byte Mode)
In normal mode, the CS7666 is connected as a
slave device to an external I
2C controller through
the primary I2C port. The connection is done via a
two-wire serial bus. Other I
2C devices on the cam-
era may also share the same serial bus. The external
controller communicates with the I2C devices by
sending and receiving short packets of 8-bit words
in accordance with the I
2C protocol. The packets
contain the station address of the target device, the
desired register address, and data.
There are three packet formats: WRITE format,
ADDRESS SET format, and READ format. Each
packet is addressed to a device by the station ad-
dress. The LSB of the station address is the R/W
(data direction) bit. This bit is set LOW in the
WRITE and ADDRESS SET packets, and it is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com