Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 104 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 100Page - STMicroelectronics LSM6DSRTR Datasheet HTML 101Page - STMicroelectronics LSM6DSRTR Datasheet HTML 102Page - STMicroelectronics LSM6DSRTR Datasheet HTML 103Page - STMicroelectronics LSM6DSRTR Datasheet HTML 104Page - STMicroelectronics LSM6DSRTR Datasheet HTML 105Page - STMicroelectronics LSM6DSRTR Datasheet HTML 106Page - STMicroelectronics LSM6DSRTR Datasheet HTML 107Page - STMicroelectronics LSM6DSRTR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 168 page
background image
11.18
FSM_ENABLE_A (46h)
FSM enable register (r/w)
Table 212. FSM_ENABLE_A register
FSM8_EN
FSM7_EN
FSM6_EN
FSM5_EN
FSM4_EN
FSM3_EN
FSM2_EN
FSM1_EN
Table 213. FSM_ENABLE_A register description
FSM8_EN
FSM8 enable. Default value: 0 (0: FSM8 disabled; 1: FSM8 enabled)
FSM7_EN
FSM7 enable. Default value: 0 (0: FSM7 disabled; 1: FSM7 enabled)
FSM6_EN
FSM6 enable. Default value: 0 (0: FSM6 disabled; 1: FSM6 enabled)
FSM5_EN
FSM5 enable. Default value: 0 (0: FSM5 disabled; 1: FSM5 enabled)
FSM4_EN
FSM4 enable. Default value: 0 (0: FSM4 disabled; 1: FSM4 enabled)
FSM3_EN
FSM3 enable. Default value: 0 (0: FSM3 disabled; 1: FSM3 enabled)
FSM2_EN
FSM2 enable. Default value: 0 (0: FSM2 disabled; 1: FSM2 enabled)
FSM1_EN
FSM1 enable. Default value: 0 (0: FSM1 disabled; 1: FSM1 enabled)
11.19
FSM_ENABLE_B (47h)
FSM enable register (r/w)
Table 214. FSM_ENABLE_B register
FSM16_EN
FSM15_EN
FSM14_EN
FSM13_EN
FSM12_EN
FSM11_EN
FSM10_EN
FSM9_EN
Table 215. FSM_ENABLE_B register description
FSM16_EN
FSM16 enable. Default value: 0 (0: FSM16 disabled; 1: FSM16 enabled)
FSM15_EN
FSM15 enable. Default value: 0 (0: FSM15 disabled; 1: FSM15 enabled)
FSM14_EN
FSM14 enable. Default value: 0 (0: FSM14 disabled; 1: FSM14 enabled)
FSM13_EN
FSM13 enable. Default value: 0 (0: FSM13 disabled; 1: FSM13 enabled)
FSM12_EN
FSM12 enable. Default value: 0 (0: FSM12 disabled; 1: FSM12 enabled)
FSM11_EN
FSM11 enable. Default value: 0 (0: FSM11 disabled; 1: FSM11 enabled)
FSM10_EN
FSM10 enable. Default value: 0 (0: FSM10 disabled; 1: FSM10 enabled)
FSM9_EN
FSM9 enable. Default value: 0 (0: FSM9 disabled; 1: FSM9 enabled)
LSM6DSR
FSM_ENABLE_A (46h)
DS11976 - Rev 2
page 104/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com