Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 105 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 105 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 101Page - STMicroelectronics LSM6DSRTR Datasheet HTML 102Page - STMicroelectronics LSM6DSRTR Datasheet HTML 103Page - STMicroelectronics LSM6DSRTR Datasheet HTML 104Page - STMicroelectronics LSM6DSRTR Datasheet HTML 105Page - STMicroelectronics LSM6DSRTR Datasheet HTML 106Page - STMicroelectronics LSM6DSRTR Datasheet HTML 107Page - STMicroelectronics LSM6DSRTR Datasheet HTML 108Page - STMicroelectronics LSM6DSRTR Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 168 page
background image
11.20
FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h)
FSM long counter status register (r/w).
Long counter value is an unsigned integer value (16-bit format); this value can be reset using the LC_CLEAR bit
in FSM_LONG_COUNTER_CLEAR (4Ah) register.
Table 216. FSM_LONG_COUNTER_L register
FSM_LC_7
FSM_LC_6
FSM_LC_5
FSM_LC_4
FSM_LC_3
FSM_LC_2
FSM_LC_1
FSM_LC_0
Table 217. FSM_LONG_COUNTER_L register description
FSM_LC_[7:0]
Long counter current value (LSbyte). Default value: 00000000
Table 218. FSM_LONG_COUNTER_H register
FSM_LC_15
FSM_LC_14
FSM_LC_13
FSM_LC_12
FSM_LC_11
FSM_LC_10
FSM_LC_9
FSM_LC_8
Table 219. FSM_LONG_COUNTER_H register description
FSM_LC_[15:8]
Long counter current value (MSbyte). Default value: 00000000
11.21
FSM_LONG_COUNTER_CLEAR (4Ah)
FSM long counter reset register (r/w)
Table 220. FSM_LONG_COUNTER_CLEAR register
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
FSM_LC_
CLEARED
FSM_LC_
CLEAR
1. This bit must be set to '0' for the correct operation of the device.
Table 221. FSM_LONG_COUNTER_CLEAR register description
FSM_LC_CLEARED
This read-only bit is automatically set to 1 when the long counter reset is done. Default value: 0
FSM_LC_CLEAR
Clear FSM long counter value. Default value: 0
LSM6DSR
FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h)
DS11976 - Rev 2
page 105/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com