Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 138 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 138 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 134Page - STMicroelectronics LSM6DSRTR Datasheet HTML 135Page - STMicroelectronics LSM6DSRTR Datasheet HTML 136Page - STMicroelectronics LSM6DSRTR Datasheet HTML 137Page - STMicroelectronics LSM6DSRTR Datasheet HTML 138Page - STMicroelectronics LSM6DSRTR Datasheet HTML 139Page - STMicroelectronics LSM6DSRTR Datasheet HTML 140Page - STMicroelectronics LSM6DSRTR Datasheet HTML 141Page - STMicroelectronics LSM6DSRTR Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 168 page
background image
15.13
SENSOR_HUB_13 (0Eh)
Sensor hub output register (r)
Thirteenth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 354. SENSOR_HUB_13 register
Sensor
Hub13_7
Sensor
Hub13_6
Sensor
Hub13_5
Sensor
Hub13_4
Sensor
Hub13_3
Sensor
Hub13_2
Sensor
Hub13_1
Sensor
Hub13_0
Table 355. SENSOR_HUB_13 register description
SensorHub13[7:0]
Thirteenth byte associated to external sensors
15.14
SENSOR_HUB_14 (0Fh)
Sensor hub output register (r)
Fourteenth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 356. SENSOR_HUB_14 register
Sensor
Hub14_7
Sensor
Hub14_6
Sensor
Hub14_5
Sensor
Hub14_4
Sensor
Hub14_3
Sensor
Hub14_2
Sensor
Hub14_1
Sensor
Hub14_0
Table 357. SENSOR_HUB_14 register description
SensorHub14[7:0]
Fourteenth byte associated to external sensors
15.15
SENSOR_HUB_15 (10h)
Sensor hub output register (r)
Fifteenth byte associated to external sensors. The content of the register is consistent with the SLAVEx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 358. SENSOR_HUB_15 register
Sensor
Hub15_7
Sensor
Hub15_6
Sensor
Hub15_5
Sensor
Hub15_4
Sensor
Hub15_3
Sensor
Hub15_2
Sensor
Hub15_1
Sensor
Hub15_0
Table 359. SENSOR_HUB_15 register description
SensorHub15[7:0]
Fifteenth byte associated to external sensors
LSM6DSR
SENSOR_HUB_13 (0Eh)
DS11976 - Rev 2
page 138/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com