Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 142 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 142 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 138Page - STMicroelectronics LSM6DSRTR Datasheet HTML 139Page - STMicroelectronics LSM6DSRTR Datasheet HTML 140Page - STMicroelectronics LSM6DSRTR Datasheet HTML 141Page - STMicroelectronics LSM6DSRTR Datasheet HTML 142Page - STMicroelectronics LSM6DSRTR Datasheet HTML 143Page - STMicroelectronics LSM6DSRTR Datasheet HTML 144Page - STMicroelectronics LSM6DSRTR Datasheet HTML 145Page - STMicroelectronics LSM6DSRTR Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 168 page
background image
15.23
SLV1_ADD (18h)
I²C slave address of the second external sensor (Sensor 2) register (r/w)
Table 374. SLV1_ADD register
Slave1_
add6
Slave1_
add5
Slave1_
add4
Slave1_
add3
Slave1_
add2
Slave1_
add1
Slave1_
add0
r_1
Table 375. SLV1_ADD register description
Slave1_add[6:0]
I²C slave address of Sensor 2 that can be read by the sensor hub.
Default value: 0000000
r_1
Read operation on Sensor 2 enable. Default value: 0
(0: read operation disabled; 1: read operation enabled)
15.24
SLV1_SUBADD (19h)
Address of register on the second external sensor (Sensor 2) register (r/w)
Table 376. SLV1_SUBADD register
Slave1_
reg7
Slave1_
reg6
Slave1_
reg5
Slave1_
reg4
Slave1_
reg3
Slave1_
reg2
Slave1_
reg1
Slave1_
reg0
Table 377. SLV1_SUBADD register description
Slave1_reg[7:0]
Address of register on Sensor 2 that has to be read/written according to the r_1 bit value in SLV1_ADD
(18h).
15.25
SLAVE1_CONFIG (1Ah)
Second external sensor (Sensor 2) configuration register (r/w)
Table 378. SLAVE1_CONFIG register
0(1)
0(1)
0(1)
0(1)
BATCH_EXT_
SENS_1_EN
Slave1_
numop2
Slave1_
numop1
Slave1_
numop0
1. This bit must be set to ‘0’ for the correct operation of the device.
Table 379. SLAVE1_CONFIG register description
BATCH_EXT_SENS_1_EN
Enable FIFO data batching of second slave. Default value: 0
Slave1_numop[2:0]
Number of read operations on Sensor 2. Default value: 000
LSM6DSR
SLV1_ADD (18h)
DS11976 - Rev 2
page 142/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com