Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 156 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 156 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 152Page - STMicroelectronics LSM6DSRTR Datasheet HTML 153Page - STMicroelectronics LSM6DSRTR Datasheet HTML 154Page - STMicroelectronics LSM6DSRTR Datasheet HTML 155Page - STMicroelectronics LSM6DSRTR Datasheet HTML 156Page - STMicroelectronics LSM6DSRTR Datasheet HTML 157Page - STMicroelectronics LSM6DSRTR Datasheet HTML 158Page - STMicroelectronics LSM6DSRTR Datasheet HTML 159Page - STMicroelectronics LSM6DSRTR Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 168 page
background image
11.31 FSM_OUTS10 (55h).......................................................... 110
11.32 FSM_OUTS11 (56h) .......................................................... 111
11.33 FSM_OUTS12 (57h).......................................................... 111
11.34 FSM_OUTS13 (58h).......................................................... 112
11.35 FSM_OUTS14 (59h).......................................................... 112
11.36 FSM_OUTS15 (5Ah) ......................................................... 113
11.37 FSM_OUTS16 (5Bh) ......................................................... 113
11.38 EMB_FUNC_ODR_CFG_B (5Fh)............................................... 114
11.39 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) ......................... 115
11.40 EMB_FUNC_SRC (64h)....................................................... 116
11.41 EMB_FUNC_INIT_A (66h)..................................................... 116
11.42 EMB_FUNC_INIT_B (67h)..................................................... 117
12
Embedded advanced features pages ............................................ 118
13
Embedded advanced features register description .............................. 121
13.1
Page 0 - Embedded advanced features registers ..................................121
13.1.1
MAG_SENSITIVITY_L (BAh) and MAG_SENSITIVITY_H (BBh) .................. 121
13.1.2
MAG_OFFX_L (C0h) and MAG_OFFX_H (C1h)............................... 122
13.1.3
MAG_OFFY_L (C2h) and MAG_OFFY_H (C3h)............................... 122
13.1.4
MAG_OFFZ_L (C4h) and MAG_OFFZ_H (C5h) ............................... 123
13.1.5
MAG_SI_XX_L (C6h) and MAG_SI_XX_H (C7h) .............................. 123
13.1.6
MAG_SI_XY_L (C8h) and MAG_SI_XY_H (C9h) .............................. 124
13.1.7
MAG_SI_XZ_L (CAh) and MAG_SI_XZ_H (CBh) .............................. 124
13.1.8
MAG_SI_YY_L (CCh) and MAG_SI_YY_H (CDh) ............................. 125
13.1.9
MAG_SI_YZ_L (CEh) and MAG_SI_YZ_H (CFh) .............................. 125
13.1.10 MAG_SI_ZZ_L (D0h) and MAG_SI_ZZ_H (D1h) .............................. 126
13.1.11 MAG_CFG_A (D4h) .................................................... 127
13.1.12 MAG_CFG_B (D5h) .................................................... 127
13.2
Page 1 - Embedded advanced features registers ..................................128
13.2.1
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)................... 128
13.2.2
FSM_PROGRAMS (7Ch) ................................................ 128
13.2.3
FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) .................... 129
LSM6DSR
Contents
DS11976 - Rev 2
page 156/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com