Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 158 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 158 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 154Page - STMicroelectronics LSM6DSRTR Datasheet HTML 155Page - STMicroelectronics LSM6DSRTR Datasheet HTML 156Page - STMicroelectronics LSM6DSRTR Datasheet HTML 157Page - STMicroelectronics LSM6DSRTR Datasheet HTML 158Page - STMicroelectronics LSM6DSRTR Datasheet HTML 159Page - STMicroelectronics LSM6DSRTR Datasheet HTML 160Page - STMicroelectronics LSM6DSRTR Datasheet HTML 161Page - STMicroelectronics LSM6DSRTR Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 168 page
background image
15.27 SLV2_SUBADD (1Ch) ........................................................143
15.28 SLAVE2_CONFIG (1Dh) ......................................................143
15.29 SLV3_ADD (1Eh) ............................................................144
15.30 SLV3_SUBADD (1Fh).........................................................144
15.31 SLAVE3_CONFIG (20h).......................................................144
15.32 DATAWRITE_SLV0 (21h)......................................................145
15.33 STATUS_MASTER (22h) ......................................................145
16
Soldering information........................................................... 146
17
Package information............................................................ 147
17.1
LGA-14L package information ..................................................147
17.2
LGA-14 packing information ...................................................148
Revision history ..................................................................... 150
Contents ............................................................................ 151
List of tables ........................................................................ 159
List of figures........................................................................ 167
LSM6DSR
Contents
DS11976 - Rev 2
page 158/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com