Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 113 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 109Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 110Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 111Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 112Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 113Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 114Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 115Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 116Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
113
4.11.13.5 Stream Transmission Mode Frame Transfer
Figure 78. Stream Transmission Mode Frame Transfer (Synchronized Data Flow)
4.11.13.6 Frame Transmission Mode (Synchronized Data Flow)
Figure 79. Frame Transmission Mode Transfer of Two Frames (Synchronized Data Flow)
4.11.13.7 Frame Transmission Mode (Pipelined Data Flow)
Figure 80. Frame Transmission Mode Transfer of Two Frames (Pipelined Data Flow)
4.11.13.8 DATA and FLAG Signal Timing Requirement for a 15 pF Load
Table 72. DATA and FLAG Timing
Parameter
Description
1 Mbit/s
100 Mbit/s
200 Mbit/s
tBit, nom
Nominal bit time
1000 ns
10.0 ns
5.00 ns
tRise, min and
tFall, min
Minimum allowed rise and fall time
2.00 ns
2.00 ns
1.00 ns
tTxToRxSkew, maxfq
Maximum skew between transmitter and receiver package pins
50.0 ns
0.5.0 ns
0.25 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com