Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 114 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 110Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 111Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 112Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 113Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 114Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 115Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 116Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 117Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
114
NXP Semiconductors
Electrical Characteristics
Figure 81. DATA and FLAG Signal Timing
4.11.14 MediaLB (MLB) Characteristics
4.11.14.1 MediaLB (MLB) DC Characteristics
Table 73 lists the MediaLB 3-pin interface electrical characteristics.
tEageSepTx, min
Minimum allowed separation of signal transitions at transmitter
package pins, including all timing defects, for example, jitter
and skew, inside the transmitter.
400 ns
4.00 ns
2.00 ns
tEageSepRx, min
Minimum separation of signal transitions, measured at the
receiver package pins, including all timing defects, for example,
jitter and skew, inside the receiver.
350 ns
3.5 ns
1.75 ns
Table 73. MediaLB 3-Pin Interface Electrical DC Specifications
Parameter
Symbol
Test Conditions
Min
Max
Unit
Maximum input voltage
—
—
—
3.6
V
Low level input threshold
VIL
——
0.7
V
High level input threshold
VIH
See Note1
1 Higher V
IH thresholds can be used; however, the risks associated with less noise margin in the system must be
evaluated and assumed by the customer.
1.8
—
V
Low level output threshold
VOL
IOL = 6 mA
—
0.4
V
High level output threshold
VOH
IOH = -6 mA
2.0
—
V
Input leakage current
IL
0 < Vin < VDD
—
±10
μA
Table 72. DATA and FLAG Timing (continued)
Parameter
Description
1 Mbit/s
100 Mbit/s
200 Mbit/s
1 This case shows that the DATA signal has slowed down more compared to the FLAG signal
2 This case shows that the FLAG signal has slowed down more compared to the DATA signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com