Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 136 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 132Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 133Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 134Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 135Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 136Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 137Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 138Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 139Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
136
NXP Semiconductors
Package Information and Contact Assignments
6
Package Information and Contact Assignments
This section includes the contact assignment information and mechanical package drawing.
6.1
Updated Signal Naming Convention
The signal names of the i.MX6 series of products have been standardized to better align the signal names
within the family and across the documentation. Some of the benefits of these changes are as follows:
•
The names are unique within the scope of an SoC and within the series of products
•
Searches will return all occurrences of the named signal
•
The names are consistent between i.MX 6 series products implementing the same modules
•
The module instance is incorporated into the signal name
This change applies only to signal names. The original ball names have been preserved to prevent the need
to change schematics, BSDL models, IBIS models, etc.
SPI
ECSPI-4
EIM_D22, EIM_D28, EIM_D21, EIM_D20, EIM_A25,
EIM_D24, EIM_D25
—
EIM
EIM
EIM_DA[15:0], EIM_D[31:16], CSI0_DAT[19:4],
CSI0_DATA_EN, CSI0_VSYNC
Used for NOR, OneNAND boot
Only CS0 is supported
NAND Flash
GPMI
NANDF_CLE, NANDF_ALE, NANDF_WP_B,
SD4_CMD, SD4_CLK, NANDF_RB0, SD4_DAT0,
NANDF_CS0, NANDF_CS1, NANDF_CS2,
NANDF_CS3, NANDF_D[7:0]
8 bit
Only CS0 is supported
SD/MMC
USDHC-1
SD1_CLK, SD1_CMD, SD1_DAT0, SD1_DAT1,
SD1_DAT2, SD1_DAT3, GPIO_1, NANDF_D0,
NANDF_D1, NANDF_D2, NANDF_D3, KEY_COL1
1, 4, or 8 bit
SD/MMC
USDHC-2
SD2_CLK, SD2_CMD, SD2_DAT0, SD2_DAT1,
SD2_DAT2, SD2_DAT3, GPIO_4, NANDF_D4,
NANDF_D5, NANDF_D6, NANDF_D7, KEY_ROW1
1, 4, or 8 bit
SD/MMC
USDHC-3
SD3_CLK, SD3_CMD, SD3_DAT0, SD3_DAT1,
SD3_DAT2, SD3_DAT3, SD3_DAT4, SD3_DAT5,
SD3_DAT6, SD3_DAT7, SD3_RST, GPIO_18
1, 4, or 8 bit
SD/MMC
USDHC-4
SD4_CLK, SD4_CMD, SD4_DAT0, SD4_DAT1,
SD4_DAT2, SD4_DAT3, SD4_DAT4, SD4_DAT5,
SD4_DAT6, SD4_DAT7, NANDF_ALE, NANDF_CS1
1, 4, or 8 bit
I2CI2C-1
EIM_D28, EIM_D21
—
I2CI2C-2
EIM_D16, EIM_EB2
—
I2CI2C-3
EIM_D18, EIM_D17
—
USB
USB-OTG
PHY
USB_OTG_DP
USB_OTG_DN
USB_OTG_VBUS
—
Table 94. Interface Allocation During Boot (continued)
Interface
IP Instance
Allocated Pads During Boot
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com