Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 139 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 139 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 135Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 136Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 137Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 138Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 139Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 140Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 141Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 142Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 143Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 169 page
background image
Package Information and Contact Assignments
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
139
Table 95 shows the 21
× 21 mm BGA package details.
Table 95. 21 x 21, 0.8 mm BGA Package Details
Parameter
Symbol
Common Dimensions
Minimum
Normal
Maximum
Total Thickness
A
—
—
1.6
Stand Off
A1
0.36
—
0.46
Substrate Thickness
A2
0.26 REF
Mold Thickness
A3
0.7 REF
Body Size
D
21 BSC
E
21 BSC
Ball Diameter
—
0.5
Ball Opening
—
0.4
Ball Width
b
0.44
—
0.64
Ball Pitch
e
0.8 BSC
Ball Count
n
624
Edge Ball Center to Center
D1
19.2 BSC
E1
19.2 BSC
Body Center to Contact Ball
SD
—
SE
—
Package Edge Tolerance
aaa
0.1
Mold Flatness
bbb
0.2
Coplanarity
ddd
0.15
Ball Offset (Package)
eee
0.15
Ball Offset (Ball)
fff
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com