Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 141 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 141 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 137Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 138Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 139Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 140Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 141Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 142Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 143Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 144Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 145Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 169 page
background image
Package Information and Contact Assignments
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
141
PCIE_REXT
A2
—
PCIE_VP
H7
—
PCIE_VPH
G7
PCI PHY supply
PCIE_VPTX
G8
PCI PHY supply
VDD_SNVS_CAP
G9
Secondary supply for the SNVS (internal
regulator output—requires capacitor if internal
regulator is used)
VDD_SNVS_IN
G11
Primary supply for the SNVS regulator
VDDARM_CAP
H11, H13, J11, J13, K11, K13, L11, L13, M11, M13,
N11, N13, P11, P13, R11, R13
Secondary supply for core (internal regulator
output—requires capacitor if internal regulator
is used)
VDDARM_IN
H14, J14, K9, K14, L9, L14, M9, M14, N9, N14, P9,
P14, R9, R14, T9, U9
Primary supply for the Arm core’s regulator
VDDHIGH_CAP
H10, J10
Secondary supply for the 2.5 V domain
(internal regulator output—requires capacitor
if internal regulator is used)
VDDHIGH_IN
H9, J9
Primary supply for the 2.5 V regulator
VDDPU_CAP
H17, J17, K17, L17, M17, N17, P17
Secondary supply for VPU and GPUs
(internal regulator output—requires capacitor
if internal regulator is used)
VDDSOC_CAP
R10, T10, T13, T14, U10, U13, U14
Secondary supply for SoC and PU regulators
(internal regulator output—requires capacitor
if internal regulator is used)
VDDSOC_IN
H16, J16, K16, L16, M16, N16, P16, R16, T16, U16
Primary supply for SoC and PU regulators
VDDUSB_CAP
F9
Secondary supply for the 3 V Domain (internal
regulator output—requires capacitor if internal
regulator is used)
USB_H1_VBUS
D10
Primary supply for the 3 V regulator
USB_OTG_VBUS
E9
Primary supply for the 3 V regulator
HDMI_DDCCEC
K2
Analog Ground (Ground reference for the Hot
Plug Detect signal)
FA_ANA
A5
—
GPANAIO
C8
Analog output for NXP use only. This output
must remain unconnected.
VDD_FA
B5
—
Table 96. 21 x 21 mm Supplies Contact Assignments (continued)
Supply Rail Name
Ball(s) Position(s)
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com