Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 142 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 142 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 138Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 139Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 140Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 141Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 142Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 143Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 144Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 145Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 146Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
142
NXP Semiconductors
Package Information and Contact Assignments
Table 97 shows an alpha-sorted list of functional contact assignments for the 21 x 21 mm package.
ZQPAD
AE17
Connect ZQPAD to an external 240
Ω 1%
resistor to GND. This is a reference used
during DRAM output buffer driver calibration.
NC
For i.MX 6DualLite:
A12, A14, B12, B14, C14, E1, E2, F1, F2, G12, G13,
N12
For i.MX 6Solo:
A12, A14, B12, B14, C14, E1, E2, F1, F2, G12, G13,
N12, W25, Y17, Y18, Y19, Y20, Y21, Y22, Y23, Y25,
AA17, AA18, AA20, AA21, AA23, AA24, AA25, AB18,
AB19, AB20, AB21, AB22, AB23, AB25, AC18, AC19,
AC20, AC21, AC22, AC23, AC24, AC25, AD18, AD20,
AD21, AD23, AD24, AD25, AE18, AE19, AE20, AE21,
AE22, AE23, AE24
These signals are not functional and must
remain unconnected by the user.
Table 97. 21 x 21 mm Functional Contact Assignments
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
Input/
Output
Value2
BOOT_MODE0
C12
VDD_SNVS_IN
GPIO
ALT0
SRC_BOOT_MODE0
Input
100 k
Ω pull-down
BOOT_MODE1
F12
VDD_SNVS_IN
GPIO
ALT0
SRC_BOOT_MODE1
Input
100 k
Ω pull-down
CLK1_N
C7
VDDHIGH_CAP
—
—
CLK1_N
—
—
CLK1_P
D7
VDDHIGH_CAP
—
—
CLK1_P
—
—
CLK2_N
C5
VDDHIGH_CAP
—
—
CLK2_N
—
—
CLK2_P
D5
VDDHIGH_CAP
—
—
CLK2_P
—
—
CSI_CLK0M
F4
NVCC_MIPI
ANALOG
—
CSI_CLK_N
—
—
CSI_CLK0P
F3
NVCC_MIPI
ANALOG
—
CSI_CLK_P
—
—
CSI_D0M
E4
NVCC_MIPI
ANALOG
—
CSI_DATA0_N
—
—
CSI_D0P
E3
NVCC_MIPI
ANALOG
—
CSI_DATA0_P
—
—
CSI_D1M
D1
NVCC_MIPI
ANALOG
—
CSI_DATA1_N
—
—
CSI_D1P
D2
NVCC_MIPI
ANALOG
—
CSI_DATA1_P
—
—
CSI0_DAT10
M1
NVCC_CSI
GPIO
ALT5
GPIO5_IO28
Input
100 k
Ω pull-up
CSI0_DAT11
M3
NVCC_CSI
GPIO
ALT5
GPIO5_IO29
Input
100 k
Ω pull-up
CSI0_DAT12
M2
NVCC_CSI
GPIO
ALT5
GPIO5_IO30
Input
100 k
Ω pull-up
CSI0_DAT13
L1
NVCC_CSI
GPIO
ALT5
GPIO5_IO31
Input
100 k
Ω pull-up
CSI0_DAT14
M4
NVCC_CSI
GPIO
ALT5
GPIO6_IO00
Input
100 k
Ω pull-up
CSI0_DAT15
M5
NVCC_CSI
GPIO
ALT5
GPIO6_IO01
Input
100 k
Ω pull-up
CSI0_DAT16
L4
NVCC_CSI
GPIO
ALT5
GPIO6_IO02
Input
100 k
Ω pull-up
Table 96. 21 x 21 mm Supplies Contact Assignments (continued)
Supply Rail Name
Ball(s) Position(s)
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com