Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 121 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 121 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 117Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 118Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 119Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 120Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 121Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 122Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 123Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 124Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 125Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
121 of 183
The host reads from the transmit done queue to find which data buffers and their associated descriptors
have completed transmission. The transmit done queue is circular queue. A set of internal addresses
within the device that are accessed by both the host and the DMA keep track of the circular queue
addresses in the transmit done queue. On initialization, the host configures all of the registers, as shown
in Table 9-K. After initialization, the DMA only writes to (changes) the write pointer and the host only
writes to the read pointer.
Empty Case
The transmit done queue is considered empty when the read and write pointers are identical.
Transmit Done-Queue Empty State
empty descriptor
empty descriptor
empty descriptor
read pointer >
empty descriptor
< write pointer
empty descriptor
empty descriptor
empty descriptor
Full Case
The transmit done queue is considered full when the read pointer is ahead of the write pointer by one
descriptor. Therefore, one descriptor must always remain empty.
Transmit Done-Queue Full State
valid descriptor
valid descriptor
empty descriptor
< write pointer
read pointer >
valid descriptor
valid descriptor
valid descriptor
valid descriptor
Table 9-K. Transmit Done-Queue Internal Address Storage
REGISTER
NAME
ADDRESS
Transmit Done-Queue Base Address 0 (lower word)
TDQBA0
0830h
Transmit Done-Queue Base Address 1 (upper word)
TDQBA1
0834h
Transmit Done-Queue DMA Write Pointer
TDQWP
0840h
Transmit Done-Queue Host Read Pointer
TDQRP
083Ch
Transmit Done-Queue End Address
TDQEA
0838h
Transmit Done-Queue FIFO Flush Timer
TDQFFT
0844h
Note: Transmit done-queue end address is not an absolute address. The absolute end address is “Base + TDQEA x 4.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com