Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 125 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 125 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 121Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 122Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 123Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 124Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 125Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 126Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 127Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 128Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 129Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
125 of 183
9.3.5 DMA Configuration RAM
The device contains an on-board set of 1536 dwords (6 dwords per channel times 256 channels) that are
used by the host to configure the DMA and used by the DMA to store values locally when it is
processing a packet. Most of the fields within the DMA configuration RAM are for DMA use and the
host never writes to these fields. The host is only allowed to write (configure) to the lower word of
dword 1 for each HDLC channel. In Figure 9-21, the host-configurable fields are denoted with a thick
box.
Figure 9-21. Transmit DMA Configuration RAM
dmatcram
msb
31
lsb
0
Transmit DMA Configuration RAM
000h
004h
008h
HDLC
Channel
1
00Ch
010h
014h
HDLC
Channel
256
Fields shown within the thick box
are written by the Host; all other
fields are for usage by the DMA and
can only be read by the Host
Next Descriptor Pointer (16)
Next Priority Pending Descriptor Pointer (16)
Byte Count (13)
Current Packet Data Buffer Address (32)
Start Descriptor Pointer (16)
CH
EN
Last Pending Descriptor Pointer (16)
Next Pending Descriptor Pointer (16)
Next Priority Descriptor Pointer (16)
Last Priority Pending Descriptor Pointer (16)
DQS
unused (16)
EOF CV
PEND
ST(2)
PRI
ST(2)
unused (9)
17D8h
17DCh
17F0h
17F4h
17F8h
17FCh
PPP
un-
used
Next Descriptor Pointer (16)
Next Priority Pending Descriptor Pointer (16)
Byte Count (13)
Current Packet Data Buffer Address (32)
Start Descriptor Pointer (16)
CH
EN
Last Pending Descriptor Pointer (16)
Next Pending Descriptor Pointer (16)
Next Priority Descriptor Pointer (16)
Last Priority Pending Descriptor Pointer (16)
DQS
unused (16)
EOF CV
PEND
ST(2)
PRI
ST(2)
unused (9)
PPP
un-
used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com