Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 126 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 126 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 122Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 123Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 124Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 125Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 126Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 127Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 128Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 129Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 130Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
126 of 183
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 0; Bits 0 to 31/Current Data Buffer Address. This is the current 32-bit address of the data buffer that is
being used. This address is used by the DMA to keep track of where data should be read from as it is passed to the
transmit FIFO.
- HOST MUST CONFIGURE -
dword 1; Bit 0/Channel Enable (CHEN). This bit is controlled by both the host and the transmit DMA to enable
and disable a HDLC channel. The DMA automatically disables a channel when an error condition occurs (see
Section 9.2.1 for a discussion on error conditions). The DMA automatically enables a channel when it detects that
the channel reset (CHRST) bit in the pending-queue descriptor is set to 1.
0 = HDLC channel disabled
1 = HDLC channel enabled
- HOST MUST CONFIGURE -
dword 1; Bit 1/Done-Queue Select (DQS). This bit determines whether the transmit DMA writes to the done
queue only after a complete HDLC packet (which may be only a single buffer) has been transmitted (in which case
the descriptor pointer in the done queue corresponds to the first descriptor of the packet) or whether it should write
to the done queue after each data buffer has been transmitted (in which case the descriptor pointer in the done
queue corresponds to a single data buffer). The setting of this bit also affects the reporting of the status field in the
transmit done queue. When DQS = 0, the only nonerrored status possible is a setting of 000. When DQS = 1, then
the nonerrored settings of 001, 010, and 011 are possible.
0 = write to the done queue only after a complete HDLC packet has been transmitted
1 = write to the done queue after each data buffer is transmitted
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bit 2/Unused. This field is not used by the DMA and could be any value when read.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 3 to 15/Byte Count. The DMA uses these 13 bits to keep track of the number of bytes stored in the
data buffer. Maximum is 8188 Bytes (0000h = 0 Bytes / 1FFCh = 8188 Bytes).
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bit 16/Chain Valid (CV). This is an internal copy of the CV field that resides in the current packet
descriptor that the DMA is operating on. See Section 9.2.2 for more details on the CV bit.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bit 17/End of Frame (EOF). This is an internal copy of the EOF field that resides in the current Packet
Descriptor that the DMA is operating on. See Section 9.2.2 for more details about the EOF bit.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 18 to 19/Pending State (PENDST). This field is used by the transmit DMA to keep track of
queued descriptors as they arrive from the pending queue and for the DMA to know when it should create a
horizontal linked list of transmit descriptors and where it can find the next valid descriptor. This field handles
standard packets and the PRIST field handles priority packets.
State
Next Descriptor Pointer Field
Next Pending Descriptor Pointer Field
00
Not Valid
Not Valid
01
Valid
Not Valid
10
Not Valid
Valid
11
Valid
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com