Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 129 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 129 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 125Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 126Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 127Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 128Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 129Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 130Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 131Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 132Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 133Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
129 of 183
Register Name:
TDMAC
Register Description:
Transmit DMA Configuration
Register Address:
0874h
Bit #
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
D15
D14
D13
D12
D11
D10
D9
D8
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read only, all other bits are read-write.
Bits 0 to 15/Transmit DMA Configuration RAM Data (D0 to D15). Data that is written to or read from the
transmit DMA configuration RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com