Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 124 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 124 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 120Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 121Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 122Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 123Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 124Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 125Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 126Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 127Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 128Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
124 of 183
Register Name:
TDMAQ
Register Description:
Transmit DMA Queues Control
Register Address:
0880h
Bit #
7
6
5
4
3
2
1
0
Name
n/a
n/a
n/a
n/a
TDQF
TDQFE
TPQF
TPQFE
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
n/a
TDQT2
TDQT1
TDQT0
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Transmit Pending-Queue FIFO Enable (TPQFE). See Section 9.3.3 for details.
Bit 1/Transmit Pending-Queue FIFO Flush (TPQLF). See Section 9.3.3 for details.
Bit 3/Transmit Done-Queue FIFO Enable (TDQFE). This bit must be set to 1 to enable the DMA to burst write
descriptors to the done queue. If this bit is set to 0, descriptors are written one at a time.
0 = done-queue burst write disabled
1 = done-queue burst write enabled
Bit 4/Transmit Done-Queue FIFO Flush (TDQF). When this bit is set to 1, the internal done-queue FIFO is
flushed by sending all data into the done queue. This bit must be set to 0 for proper operation.
0 = FIFO in normal operation
1 = FIFO is flushed
Bits 8 to 10/Transmit Done-Queue Status Bit Threshold Setting (TDQT0 to TDQT2). These bits determine
when the DMA sets the transmit DMA done-queue write (TDQW) status bit in the status register for DMA
(SDMA) register.
000 = set the TDQW status bit after each descriptor write to the done queue
001 = set the TDQW status bit after 2 or more descriptors are written to the done queue
010 = set the TDQW status bit after 4 or more descriptors are written to the done queue
011 = set the TDQW status bit after 8 or more descriptors are written to the done queue
100 = set the TDQW status bit after 16 or more descriptors are written to the done queue
101 = set the TDQW status bit after 32 or more descriptors are written to the done queue
110 = set the TDQW status bit after 64 or more descriptors are written to the done queue
111 = set the TDQW status bit after 128 or more descriptors are written to the done queue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com