Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 134 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 128Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 129Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 130Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 131Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 132Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 133Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 134Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 135Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 136Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Revision History
Freescale Semiconductor
134
6Revision History
Table 86 provides a revision history for this data sheet.
Table 86. i.MX50 Data Sheet Document Revision History
Rev.
Number
Date
Substantive Change(s)
Rev. 7
10/2013
• Added new part number information for parts with 1 GHz core frequencies:
— MCIMX508CVK1B
— MCIMX508CVM1B
— MCIMX507CVM1B
— MCIMX507CVK1B
Updated sections:
— Section 1, “Introduction”
— Table 1, “Ordering Information”
— Table 11, “i.MX50 Operating Ranges”
— Table 15, “Maximum Supply Current Consumption—ARM CLK = 1 GHz” (added)
Rev. 6
07/2013
• In Table 11, “i.MX50 Operating Ranges,” added VCC Stop mode ranges.
Rev. 5
05/2013
• In Table 11, “i.MX50 Operating Ranges,” changed VCC peripheral supply (LPM) minimum voltage from
0.9 V to 1 V, and changed nominal voltage from 0.95 V to 1.05 V.
Rev. 4
01/2013
• In Table 1, "Ordering Information," on page 7, added new part number information for MCIMX507CVK8B.
•In Figure 27, "DTACK Read Access," on page 67, updated timing of EIM_DTACK.
Rev. 3
10/2012
• In Table 11, "i.MX50 Operating Ranges," on page 24:
—Changed DDR clock rate for reduced performance mode (RPM) of VCC from 100 MHz to 133 MHz
—Changed DDR clock rate for high performance mode (HPM) of VCC from 200 MHz to 266 MHz
Rev. 2
05/2012
• In Table 1, "Ordering Information," on page 7, added the following new part numbers: MCIMX508CZK8B,
MCIMX503CVK8B, MCIMX503EVM8B, MCIMX502CVK8B, and MCIMX502EVM8B.
•In Table 1, "Ordering Information," on page 7, added a new column, Tjunction.
•In Table 3, "Package Feature Comparison," on page 9, added a new row for 416 PoPBGA package.
• Updated Figure 1, "i.MX50 System Block Diagram," on page 10 by removing “LDOx3” and “DC-DC 1.2V.”
•In Table 5, "Special Signal Considerations," on page 17, updated details for the following signals:
DRAM_OPEN/DRAM_OPENFB and DRAM_SDODT0/DRAM_SDODT1
•In Table 5, "Special Signal Considerations," on page 17, added new rows for the following signals:
POP_EMMC_RST, POP_LPDDR2_ZQ0/ZQ1, POP_LPDDR2_1.8V, and POP_NAND_VCC.
• Added Section 4.1.2.1, “13 x 13 mm MAPBGA Package Thermal Resistance Data.”
• Added Section 4.1.2.2, “13 x 13 mm PoPBGA Package Thermal Resistance Data.”
• Added Section 4.1.2.3, “17 x 17 mm MAPBGA Package Thermal Resistance Data.”
•In Table 11, "i.MX50 Operating Ranges," on page 24, added footnotes for USB_OTG_VDDA25 and
USB_OTG_VDDA33.
•In Table 78, "VBUS Comparators Thresholds," on page 101, changed VBUS input max current to 350
μA.
• Added Section 5.2, “13 x 13 mm, 0.5 mm Pitch, 416 Pin PoPBGA Package Information.”
•In Table 85, "Alphabetical List of Signal Assignments," on page 124:
—Added a new column “416 PoPBGA Ball Number”
—Changed “USB_H1_VDDA” to “USB_H1_VDDA25, USB_H1_VDDA33”
—Changed “USB_OTG_VDDA” to “USB_OTG_VDDA25, USB_OTG_VDDA33”
• Replace mDDR with LPDDR1 throughout the document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com