Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 135 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 135 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 128Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 129Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 130Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 131Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 132Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 133Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 134Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 135Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 136Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
Revision History
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
135
Rev. 1
10/2011
• Table 5, "Special Signal Considerations," on page 17 changed CHRG_DET_B to CHGR_DET_B.
• Table 5, "Special Signal Considerations," on page 17 in the CHGR_DET_B signal remarks, added “The
maximum current leakage at this pin is 8.5
μA.”
• Table 5, "Special Signal Considerations," on page 17 in the JTAG_MOD remarks, changed “pull-down”
to “pull-up, by default” and added “If JTAG port is not needed, the internal pull-up can be disabled in order
to reduce supply current to the pin.”
• Table 14, "Maximum Supply Current Consumption—ARM CLK = 800 MHz," on page 27 in the 11th row
under the Supply column, changed VDDO2P5 to VDDO25.
• Table 78, "VBUS Comparators Thresholds," on page 101 changed CHRG_DET_B to CHGR_DET_B.
• Table 5, "Special Signal Considerations," on page 17 for 416 MAPBGA, DRAM_SDCLK_0 pin number
was changed to N24 and DRAM_SDCLK_0_B pin number was changed to M24.
• Table 5, "Special Signal Considerations," on page 17 for 416 MAPBGA, DRAM_SDCLK_1 pin number
was changed to T20 and DRAM_SDCLK_1_B pin number was changed to R20.
• Table 5, "Special Signal Considerations," on page 17 for 416 MAPBGA, DRAM_SDQS0 pin number was
changed to P23 and DRAM_SDQS0_B pin number was changed to P24.
• Table 5, "Special Signal Considerations," on page 17 changed pad type of pin DRAM_CALIBRATION to
DRAMCALIB.
• Table 5, "Special Signal Considerations," on page 17 changed pad type of pins DRAM_SDCLK_0,
DRAM_SDCLK_0_B, DRAM_SDCLK_1, DRAM_SDCLK_1_B, DRAM_SDQS0, DRAM_SDQS0_B,
DRAM_SDQS1, DRAM_SDQS1_B, DRAM_SDQS2, DRAM_SDQS2_B, DRAM_SDQS3, and
DRAM_SDQS3_B to DRAMCLK.
Rev. 0
07/2011 Initial release.
Table 86. i.MX50 Data Sheet Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com