Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 109Page - STMicroelectronics ST25DV64KC Datasheet HTML 110Page - STMicroelectronics ST25DV64KC Datasheet HTML 111Page - STMicroelectronics ST25DV64KC Datasheet HTML 112Page - STMicroelectronics ST25DV64KC Datasheet HTML 113Page - STMicroelectronics ST25DV64KC Datasheet HTML 114Page - STMicroelectronics ST25DV64KC Datasheet HTML 115Page - STMicroelectronics ST25DV64KC Datasheet HTML 116Page - STMicroelectronics ST25DV64KC Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 203 page
background image
Table 174. Response other field: ST25DVxxKC VICC command list Byte 4
Bit
Meaning if bit is set
Comment
b1
Read Buffer is supported
It means Response Buffer is supported.
b2
Select Secure State is supported
It means VCD or Mutual authentication are supported.
b3
Final Response always includes crypto result
It means that flag b3 is set in the Final response.
b4
AuthComm crypto format is supported
-
b5
SecureComm crypto format is supported
-
b6
KeyUpdate is supported
-
b7
Challenge is supported
-
b8
If set to 1 a further byte is transmitted
0 must be returned.
Table 175. Extended Get System Info response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
01h
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: Option not supported
–
0Fh: error with no information given
Figure 58. Extended Get System Info frame exchange between VCD and ST25DVxxKC
SOF
Extended Get
System Info
request
VCD
ST25DVxxKC
EOF
SOF
Extended Get
System Info
response
EOF
t1
7.6.24
Get Multiple Block Security Status
When receiving the Get Multiple Block Security Status command, the sends back its security status for each
address block: 0 when block is writable else 1 when block is locked for writing. The blocks security status are
defined by the area security status (and by LCK_CCFILE register for blocks 0 and 1). The blocks are numbered
from 00h up to the maximum memory block number in the request, and the value is minus one (–1) in the field.
For example, a value of “06”, in the “Number of blocks” field requests, returns the security status of seven blocks.
This command does not respond an error if number of blocks overlap areas or overlap the end of the user
memory.
The number of blocks is coded on 1 Byte and only first 256 blocks of ST25DV16KC and ST25DV64KC can be
addressed using this command.
The Option_flag is not supported. The Inventory_flag must be set to 0.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 113/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com