Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 113Page - STMicroelectronics ST25DV64KC Datasheet HTML 114Page - STMicroelectronics ST25DV64KC Datasheet HTML 115Page - STMicroelectronics ST25DV64KC Datasheet HTML 116Page - STMicroelectronics ST25DV64KC Datasheet HTML 117Page - STMicroelectronics ST25DV64KC Datasheet HTML 118Page - STMicroelectronics ST25DV64KC Datasheet HTML 119Page - STMicroelectronics ST25DV64KC Datasheet HTML 120Page - STMicroelectronics ST25DV64KC Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 203 page
background image
7.6.26
Read Configuration
On receiving the Read Configuration command, the ST25DVxxKC reads the static system configuration register
at the Pointer address and sends back its 8-bit value in the response.
The Option_flag is not supported. The Inventory_flag must be set to 0.
Table 184. Read Configuration request format
Request SOF
Request_flags
Read Configuration
IC Mfg code
UID (1)
Pointer
CRC16
Request EOF
-
8 bits
A0h
02h
64 bits
8 bits
16 bits
-
1. This field is optional.
Note:
Please refer to Table 13. System configuration memory map for details on register addresses.
Request parameters:
•
System configuration register pointer
•
UID (optional)
Table 185. Read Configuration response format when Error_flag is NOT set
Response SOF
Response_flags
Register value
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameters:
•
One byte of data: system configuration register
Table 186. Read Configuration response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set
–
02h: command not recognized
–
03h: the option is not supported
–
10h: block not available
–
0Fh: error with no information given
Figure 61. Read Configuration frame exchange between VCD and ST25DVxxKC
SOF
Read
Configuration
request
VCD
ST25DVxxKC
EOF
SOF
Read
Configuration
response
EOF
t1
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 117/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com