Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 115Page - STMicroelectronics ST25DV64KC Datasheet HTML 116Page - STMicroelectronics ST25DV64KC Datasheet HTML 117Page - STMicroelectronics ST25DV64KC Datasheet HTML 118Page - STMicroelectronics ST25DV64KC Datasheet HTML 119Page - STMicroelectronics ST25DV64KC Datasheet HTML 120Page - STMicroelectronics ST25DV64KC Datasheet HTML 121Page - STMicroelectronics ST25DV64KC Datasheet HTML 122Page - STMicroelectronics ST25DV64KC Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 203 page
background image
Figure 62. Write Configuration exchange between VCD and ST25DVxxKC
SOF
Write
Configuration
request
VCD
EOF
ST25DVxxKC
t1
SOF
Write
Configuration
response
EOF
ST25DVxxKC
Wt
Write Configuration
sequence when error
SOF
Write
Configuration
response
EOF
7.6.28
Read Dynamic Configuration
On receiving the Read Dynamic Configuration command, the ST25DVxxKC reads the Dynamic register address
indicated by the pointer and sends back its 8-bit value in the response.
The Option_flag is not supported. The Inventory_flag must be set to 0.
Table 190. Read Dynamic Configuration request format
Request SOF Request_flags
Read Dynamic
Configuration
IC Mfg code UID (1) Pointer address CRC16 Request EOF
-
8 bits
ADh
02h
64 bits 8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
UID (Optional)
Table 191. Read Dynamic Configuration response format when Error_flag is NOT set
Response SOF
Response_flags
Data
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameters:
•
One byte of data
Note:
Please refer to Table 13. System configuration memory mapfor details on register addresses.
Table 192. Read Dynamic Configuration response format when Error_flag is set
Response SOF
Response_flags
error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error given with no information
–
10h: block not available
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 119/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com