Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 117Page - STMicroelectronics ST25DV64KC Datasheet HTML 118Page - STMicroelectronics ST25DV64KC Datasheet HTML 119Page - STMicroelectronics ST25DV64KC Datasheet HTML 120Page - STMicroelectronics ST25DV64KC Datasheet HTML 121Page - STMicroelectronics ST25DV64KC Datasheet HTML 122Page - STMicroelectronics ST25DV64KC Datasheet HTML 123Page - STMicroelectronics ST25DV64KC Datasheet HTML 124Page - STMicroelectronics ST25DV64KC Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 203 page
background image
Figure 64. Write Dynamic Configuration frame exchange between VCD and ST25DVxxKC
SOF
Write Dynamic
Configuration
request
VCD
ST25DVxxKC
EOF
SOF
Write Dynamic
Configuration
response
EOF
t1
SOF
Write Dynamic
Configuration
response
EOF
t1
ST25DVxxKC
Write Dynamic
Configuration sequence
when no error
Write Dynamic
Configuration sequence
when error
7.6.30
Manage GPO
On receiving the Manage GPO command. Depending on the command argument, the ST25DVxxKC force the
GPO output level if RF_USER interrupt is enabled, or send a pulse on GPO output if RF_INTERRUPT is enabled.
If neither RF_USER nor RF_INTERRUPT was enabled, the command is not executed and ST25DVxxKC
responds an Error code “0F”.
The IT duration is defined by IT_TIME bits 4 to 2 of GPO2 static register and occurs just after the command
response.
For the 12- pin package ST25DVxxKC version (CMOS GPO output):
•
Set means that the GPO pin is driven to a High level (VDCG).
•
Reset pulls the GPO pin to a low level (VSS).
•
The IT corresponds to a transmission of a positive pulse on the GPO pin.
For the 12 pin package ST25DVxxKC version (open drain GPO output):
•
Set means that the GPO pin is driven to a low level (VSS).
•
Reset releases the GPO (High impedance). Thanks to an external pull-up, the high level is recovered.
•
IT corresponds to the GPO pin driven to ground during the IT duration, then pin is released.
Option_flag is not supported. The Inventory_flag must be set to 0.
Table 196. Manage GPO request format
Request SOF
Request_ flags
Manage GPO
IC Mfg code
UID (1)
GPO VAL(2)
CRC16
Request EOF
-
8 bits
A9h
02h
64 bits
8 bits
16 bits
-
1. This field is optional.
2. See Table 197. GPOVAL
Table 197. GPOVAL
GPOVAL
IT
GPO pin output
0xxxxxx0b
RF_USER enabled
Pin pull to 0
0xxxxxx1b
RF_USER enabled
Pin released (HZ)
1xxxxxxxb
RF_INTERRUPT enabled
GPO pin pulled to 0 during IT Time then released (HZ)
Any other conditions
GPO released (Hz)
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 121/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com