Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 116Page - STMicroelectronics ST25DV64KC Datasheet HTML 117Page - STMicroelectronics ST25DV64KC Datasheet HTML 118Page - STMicroelectronics ST25DV64KC Datasheet HTML 119Page - STMicroelectronics ST25DV64KC Datasheet HTML 120Page - STMicroelectronics ST25DV64KC Datasheet HTML 121Page - STMicroelectronics ST25DV64KC Datasheet HTML 122Page - STMicroelectronics ST25DV64KC Datasheet HTML 123Page - STMicroelectronics ST25DV64KC Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 203 page
background image
Figure 63. Read Dynamic Configuration frame exchange between VCD and ST25DVxxKC
SOF
Read Dynamic
Configuration
request
VCD
ST25DVxxKC
EOF
SOF
Read Dynamic
Configuration
response
EOF
t1
7.6.29
Write Dynamic Configuration
On receiving the Write Dynamic Configuration command, the ST25DVxxKC updates the Dynamic register
addressed by the pointer.
The Option_flag is not supported. The Inventory_flag must be set to 0.
Table 193. Write Dynamic Configuration request format
Request
SOF
Request_flags
Write Dynamic
Configuration
IC Mfg
code
UID (1)
Pointer
address
Register
value
CRC16
Request
EOF
-
8 bits
AEh
02h
64 bits 8 bits
8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flags
•
UID (Optional)
•
Pointer address
•
Register value
Table 194. Write Dynamic Configuration response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameters:
•
No parameter. The response is sent back after t1.
Table 195. Write Dynamic Configuration response format when Error_flag is set
Response SOF
Response_flags
error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
–
10h: block not available
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 120/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com