Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 154Page - STMicroelectronics ST25DV64KC Datasheet HTML 155Page - STMicroelectronics ST25DV64KC Datasheet HTML 156Page - STMicroelectronics ST25DV64KC Datasheet HTML 157Page - STMicroelectronics ST25DV64KC Datasheet HTML 158Page - STMicroelectronics ST25DV64KC Datasheet HTML 159Page - STMicroelectronics ST25DV64KC Datasheet HTML 160Page - STMicroelectronics ST25DV64KC Datasheet HTML 161Page - STMicroelectronics ST25DV64KC Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 203 page
background image
10.4
WLCSP10 package information
Figure 89. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale package outline
X
A3
A2
A
bbb Z
e
I
H
e1
D
G
DETAIL A
Orientation reference
Y
E
aaa
(4X)
SIDE VIEW
BOTTOM VIEW
TOP VIEW
DETAIL A
ROTATED 90
ccc M Z X Y
dddM Z
Z
A1
b(10x)
eee Z
SEATING PLANE
BUMP
J
F
1.
Drawing is not to scale.
2.
Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4.
Bump position designation per JESD 95-1, SPP-010.
Table 262. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale mechanical data
Symbol
millimeters
inches (1)
Min
Typ
Max
Min
Typ
Max
A
0.265
0.295
0.325
0.0104
0.0116
0.0128
A1
-
0.095
-
-
0.0037
-
A2
-
0.175
-
-
0.0069
-
A3
-
0.025
-
-
0.0010
-
b
-
0.185
-
-
0.0073
-
D
-
1.649
1.669
-
0.0649
0.0657
E
-
1.483
1.503
-
0.0584
0.0592
e
-
0.400
-
-
0.0157
-
e1
-
0.800
-
-
0.0315
-
H
-
0.346
-
-
0.0136
-
I
-
1.039
-
-
0.0409
-
ST25DV04KC ST25DV16KC ST25DV64KC
WLCSP10 package information
DS13519 - Rev 3
page 158/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com