Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 157Page - STMicroelectronics ST25DV64KC Datasheet HTML 158Page - STMicroelectronics ST25DV64KC Datasheet HTML 159Page - STMicroelectronics ST25DV64KC Datasheet HTML 160Page - STMicroelectronics ST25DV64KC Datasheet HTML 161Page - STMicroelectronics ST25DV64KC Datasheet HTML 162Page - STMicroelectronics ST25DV64KC Datasheet HTML 163Page - STMicroelectronics ST25DV64KC Datasheet HTML 164Page - STMicroelectronics ST25DV64KC Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 203 page
background image
11
Ordering information
Table 265. Ordering information scheme
Example:
ST25DV
64K
C
- IE
6
D
3
Device type
ST25DV = Dynamic NFC/RFID tag based
on ISO 15693 and NFC T5T
Memory size
04K = 4 Kbits
16K = 16 Kbits
64K = 64 Kbits
Version
C
Device Features
IE = I2C and GPO open drain, fast transfer mode and energy harvesting
JF = I2C and GPO CMOS, fast transfer mode, energy harvesting and low power
mode
Device grade
6 = industrial: device tested with standard test flow over - 40 to 85 °C
8 = industrial device tested with standard test flow over -40 to 105 °C (UFDFPN8 and UFDFPN12
only) or over -40 to 125 °C (SO8N and TSSOP8 only, 105 °C only for RF interface)
Package
S = SO8N
T = TSSOP8
D = UFDFPN12
C = UFDFPN8 (Only for 04K version)
L = WLCSP (thin 10 balls) (Only for 04K version)
Capacitance
3 = 28.5 pF
Note:
Parts marked as “ES” or “E” are not yet qualified and therefore not approved for use in production. ST is
not responsible for any consequences resulting from such use. In no event will ST be liable for the customer
using any of these engineering samples in production. ST’s Quality department must be contacted prior to any
decision to use these engineering samples to run a qualification activity.
ST25DV04KC ST25DV16KC ST25DV64KC
Ordering information
DS13519 - Rev 3
page 161/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com