Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 9 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 9 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 5Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 6Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 7Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 8Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 9Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 10Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 11Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 12Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 7
PIC16F616/16HV616
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC16F616/16HV616 has a 13-bit program
counter capable of addressing an 8k x 14 program
memory space. Only the first 2K x 14 (0000h-07FFh)
for the PIC16F616/16HV616 is physically imple-
mented. Accessing a location above these boundaries
will cause a wraparound within the first 2K x 14 space.
The Reset vector is at 0000h and the interrupt vector is
at 0004h (see Figure 2-1).
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F616/16HV616
2.2
Data Memory Organization
The data memory (see Figure 2-2) is partitioned into two
banks, which contain the General Purpose Registers
(GPR) and the Special Function Registers (SFR). The
Special Function Registers are located in the first 32
locations of each bank. Register locations 20h-7Fh in
Bank 0 and A0h-BFh in Bank 1 are General Purpose
Registers, implemented as static RAM. Register
locations F0h-FFh in Bank 1 point to addresses 70h-7Fh
in Bank 0. All other RAM is unimplemented and returns
‘0’ when read. The RP0 bit of the STATUS register is the
bank select bit.
RP0
0
→ Bank 0 is selected
1
→ Bank 1 is selected
PC<12:0>
13
0000h
0004h
0005h
07FFh
0800h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Wraps to 0000h-07FFh
Note:
The IRP and RP1 bits of the STATUS
register are reserved and should always be
maintained as ‘0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com