Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 97 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 97 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 93Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 94Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 95Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 96Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 97Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 98Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 99Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 100Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 95
PIC16F616/16HV616
TABLE 10-5:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPTURE, COMPARE AND PWM
REGISTER 10-3:
PWM1CON: ENHANCED PWM CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PRSEN: PWM Restart Enable bit
1
= Upon auto-shutdown, the ECCPASE bit clears automatically once the shutdown event goes
away; the PWM restarts automatically
0
= Upon auto-shutdown, ECCPASE must be cleared in software to restart the PWM
bit 6-0
PDC<6:0>: PWM Delay Count bits
PDCn = Number of FOSC/4 (4 * TOSC) cycles between the scheduled time when a PWM signal
should transition active and the actual time it transitions active
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx uuuu uuuu
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx uuuu uuuu
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0 0000 0000 0000 0000
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1R
C1CH1
C1CH0
0000 -000 0000 -000
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2R
C2CH1
C2CH0
0000 -000 0000 -000
CM2CON1
MC1OUT
MC2OUT
—
T1ACS
C1HYS
C2HYS
T1GSS
C2SYNC 00-0 0010 00-0 0010
ECCPAS
ECCPASE ECCPAS2 ECCPAS1 ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0 0000 0000 0000 0000
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000 0000 0000
PIE1
—
ADIE
CCP1IE
C2IE
C1IE
—
TMR2IE
TMR1IE
-000 0-00 0000 0-00
PIR1
—
ADIF
CCP1IF
C2IF
C1IF
—
TMR2IF
TMR1IF
-000 0-00 0000 0-00
PR2
Timer2 Module Period Register
1111 1111 1111 1111
PWM1CON
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000 0000 0000
T1CON
T1GINV
TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC
TMR1CS TMR1ON 0000 0000 uuuu uuuu
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
TMR2
Timer2 Module Register
0000 0000 0000 0000
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111 --11 1111
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111 --11 1111
Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Capture,
Compare and PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com