Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 84 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 84 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 80Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 81Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 82Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 83Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 84Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 85Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 86Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 87Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 82
Preliminary
© 2006 Microchip Technology Inc.
10.3.4
OPERATION IN SLEEP MODE
In Sleep mode, the TMR2 register will not increment
and the state of the module will not change. If the CCP1
pin is driving a value, it will continue to drive that value.
When the device wakes up, TMR2 will continue from its
previous state.
10.3.5
CHANGES IN SYSTEM CLOCK
FREQUENCY
The PWM frequency is derived from the system clock
frequency. Any changes in the system clock frequency
will result in changes to the PWM frequency. See
Section 3.0
“Oscillator
Module”
for
additional
details.
10.3.6
EFFECTS OF RESET
Any Reset will force all ports to Input mode and the
CCP registers to their Reset states.
10.3.7
SETUP FOR PWM OPERATION
The following steps should be taken when configuring
the CCP module for PWM operation:
1.
Configure the PWM pin (CCP1) as an input by
setting the associated TRIS bit.
2.
Set the PWM period by loading the PR2 register.
3.
Configure the CCP module for the PWM mode
by loading the CCP1CON register with the
appropriate values.
4.
Set the PWM duty cycle by loading the CCPR1L
register and CCP1 bits of the CCP1CON register.
5.
Configure and start Timer2:
•Clear the TMR2IF interrupt flag bit of the PIR1
register.
•Set the Timer2 prescale value by loading the
T2CKPS bits of the T2CON register.
•Enable Timer2 by setting the TMR2ON bit of
the T2CON register.
6.
Enable PWM output after a new PWM cycle has
started:
•Wait until Timer2 overflows (TMR2IF bit of the
PIR1 register is set).
• Enable the CCP1 pin output by clearing the
associated TRIS bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com